Electronic Components Datasheet Search
  English  ▼

X  

MIC26901 Datasheet(PDF) 35 Page - Microchip Technology

Part # MIC26901
Description  28V, 9A Hyper Speed Control® Synchronous DC/DC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC26901 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MIC26901 Datasheet HTML 31Page - Microchip Technology MIC26901 Datasheet HTML 32Page - Microchip Technology MIC26901 Datasheet HTML 33Page - Microchip Technology MIC26901 Datasheet HTML 34Page - Microchip Technology MIC26901 Datasheet HTML 35Page - Microchip Technology MIC26901 Datasheet HTML 36Page - Microchip Technology MIC26901 Datasheet HTML 37Page - Microchip Technology MIC26901 Datasheet HTML 38Page - Microchip Technology MIC26901 Datasheet HTML 39Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007047B-page 35
MIC26901
APPENDIX A: REVISION HISTORY
Revision B (January 2026)
• Corrected the trademark symbol placement for
SuperSwitcher™.
Revision A (September 2025)
• Converted Micrel document MIC26901 to Micro-
chip data sheet DS20007047A.
• Minor text changes throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com