Electronic Components Datasheet Search
  English  ▼

X  

MIC26901 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC26901
Description  28V, 9A Hyper Speed Control® Synchronous DC/DC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC26901 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC26901 Datasheet HTML 5Page - Microchip Technology MIC26901 Datasheet HTML 6Page - Microchip Technology MIC26901 Datasheet HTML 7Page - Microchip Technology MIC26901 Datasheet HTML 8Page - Microchip Technology MIC26901 Datasheet HTML 9Page - Microchip Technology MIC26901 Datasheet HTML 10Page - Microchip Technology MIC26901 Datasheet HTML 11Page - Microchip Technology MIC26901 Datasheet HTML 12Page - Microchip Technology MIC26901 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007047B-page 9
MIC26901
FIGURE 2-19:
Efficiency vs. Output
Current.
FIGURE 2-20:
Feedback Voltage vs.
Output Current.
FIGURE 2-21:
Output Voltage vs. Output
Current.
FIGURE 2-22:
Line Regulation vs. Output
Current.
FIGURE 2-23:
Switching Frequency vs.
Output Current.
FIGURE 2-24:
Output Voltage (VIN = 5V)
vs. Output Current.
50
55
60
65
70
75
80
85
90
95
02
46
8
10
OUTPUT CURRENT (A)
V
IN = 24V
V
IN = 12V
0.792
0.796
0.800
0.804
0.808
01.5
3
4.5
67.5
9
OUTPUT CURRENT (A)
VIN = 12V
VOUT = 1.8V
1.782
1.787
1.791
1.796
1.800
1.805
1.810
1.814
1.819
01.5
3
4.5
67.5
9
OUTPUT CURRENT (A)
VIN = 12V
VOUT = 1.8V
-1.0%
-0.5%
0.0%
0.5%
1.0%
01.5
34.5
67.5
9
OUTPUT CURRENT (A)
VIN = 4.5V to 28V
VOUT = 1.8V
450
500
550
600
650
02
46
8
10
OUTPUT CURRENT (A)
V
IN = 12V
V
OUT = 1.8V
3.0
3.4
3.8
4.2
4.6
5.0
0246
8
10
12
OUTPUT CURRENT (A)
TA
25ºC
85ºC
125ºC
VIN = 5V
VFB < 0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com