Electronic Components Datasheet Search
  English  ▼

X  

MIC26901 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC26901
Description  28V, 9A Hyper Speed Control® Synchronous DC/DC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC26901 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC26901 Datasheet HTML 2Page - Microchip Technology MIC26901 Datasheet HTML 3Page - Microchip Technology MIC26901 Datasheet HTML 4Page - Microchip Technology MIC26901 Datasheet HTML 5Page - Microchip Technology MIC26901 Datasheet HTML 6Page - Microchip Technology MIC26901 Datasheet HTML 7Page - Microchip Technology MIC26901 Datasheet HTML 8Page - Microchip Technology MIC26901 Datasheet HTML 9Page - Microchip Technology MIC26901 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
MIC26901
DS20007047B-page 6
2025-2026 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
VIN Operating Supply
Current vs. Input Voltage.
FIGURE 2-2:
VIN Shutdown Current vs.
Input Voltage.
FIGURE 2-3:
VDD Output Voltage vs.
Input Voltage.
FIGURE 2-4:
Feedback Voltage vs. Input
Voltage.
FIGURE 2-5:
Total Regulation vs. Input
Voltage.
FIGURE 2-6:
Output Current Limit vs.
Input Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
5
10
15
20
25
4
10162228
INPUT VOLTAGE (V)
V
OUT = 1.8V
I
OUT = 0A
SWITCHING
0
10
20
30
40
50
4
10162228
INPUT VOLTAGE (V)
V
EN=0V
R
EN= 0PEN
0
2
4
6
8
10
4
10162228
INPUT VOLTAGE (V)
VFB = 0.9V
IDD = 10mA
0.792
0.796
0.800
0.804
0.808
410
16
22
28
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A
-0.2%
-0.1%
0.0%
0.1%
0.2%
410
16
22
28
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A to 9A
0
5
10
15
20
4
1016
2228
INPUT VOLTAGE (V)
V
OUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com