Electronic Components Datasheet Search
  English  ▼

X  

MIC26901 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC26901
Description  28V, 9A Hyper Speed Control® Synchronous DC/DC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC26901 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC26901 Datasheet HTML 7Page - Microchip Technology MIC26901 Datasheet HTML 8Page - Microchip Technology MIC26901 Datasheet HTML 9Page - Microchip Technology MIC26901 Datasheet HTML 10Page - Microchip Technology MIC26901 Datasheet HTML 11Page - Microchip Technology MIC26901 Datasheet HTML 12Page - Microchip Technology MIC26901 Datasheet HTML 13Page - Microchip Technology MIC26901 Datasheet HTML 14Page - Microchip Technology MIC26901 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007047B-page 11
MIC26901
FIGURE 2-31:
Efficiency (VIN = 24V) vs.
Output Current.
FIGURE 2-32:
IC Power Dissipation
(VIN = 24V) vs. Output Current.
FIGURE 2-33:
Die Temperature* (VIN =
24V) vs. Output Current.
FIGURE 2-34:
Thermal Derating* vs.
Ambient Temperature.
FIGURE 2-35:
Thermal Derating* vs.
Ambient Temperature.
FIGURE 2-36:
Thermal Derating* vs.
Ambient Temperature.
*Die Temperature & Thermal Derating: The temperature measurement was taken at the hottest point on the
MIC26901 case mounted on a 5 square inch, 4 layer PCB, tested in ambient temperature of 23°C to 25°C in open space
with no forced cooling; see the Thermal Measurements section. Actual results will depend upon the size of the PCB,
ambient temperature, and proximity to other heat-emitting components.
50
55
60
65
70
75
80
85
90
95
100
0246
8
10
OUTPUT CURRENT (A)
0.8V
0.9V
1V
1.2V
1.5V
1.8V
2.5V
3.3V
5V
V
OUT =
0
0.5
1
1.5
2
2.5
3
3.5
4
0123456789
OUTPUT CURRENT (A)
0.8V
0.9V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
5.0V
V
OUT =
0
20
40
60
80
100
0123456789
OUTPUT CURRENT (A)
V
IN = 24V
V
OUT = 1.8V
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
1.5V
0.8V
VIN = 5V
VOUT = 0.8, 1.2, 1.5V
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
3.3V
1.8V
VIN = 5V
VOUT = 1.8, 2.5, 3.3V
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
VIN = 12V
VOUT = 0.8, 1.2, 1.8V
1.8V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com