Electronic Components Datasheet Search
  English  ▼

X  

LM95231 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95231 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM95231 Datasheet HTML 12Page - National Semiconductor (TI) LM95231 Datasheet HTML 13Page - National Semiconductor (TI) LM95231 Datasheet HTML 14Page - National Semiconductor (TI) LM95231 Datasheet HTML 15Page - National Semiconductor (TI) LM95231 Datasheet HTML 16Page - National Semiconductor (TI) LM95231 Datasheet HTML 17Page - National Semiconductor (TI) LM95231 Datasheet HTML 18Page - National Semiconductor (TI) LM95231 Datasheet HTML 19Page - National Semiconductor (TI) LM95231 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
2.0 LM95231 Registers (Continued)
2.7 MANUFACTURERS ID REGISTER
(Read Address FEh) The default value is 01h.
2.8 DIE REVISION CODE REGISTER
(Read Address FFh) The default value is A1h. This register will increment by 1 every time there is a revision to the die by National
Semiconductor.
3.0 Applications Hints
The LM95231 can be applied easily in the same way as
other integrated-circuit temperature sensors, and its remote
diode sensing capability allows it to be used in new ways as
well. It can be soldered to a printed circuit board, and be-
cause the path of best thermal conductivity is between the
die and the pins, its temperature will effectively be that of the
printed circuit board lands and traces soldered to the
LM95231’s pins. This presumes that the ambient air tem-
perature is almost the same as the surface temperature of
the printed circuit board; if the air temperature is much higher
or lower than the surface temperature, the actual tempera-
ture of the LM95231 die will be at an intermediate tempera-
ture between the surface and air temperatures. Again, the
primary thermal conduction path is through the leads, so the
circuit board temperature will contribute to the die tempera-
ture much more strongly than will the air temperature.
To measure temperature external to the LM95231’s die, use
a remote diode. This diode can be located on the die of a
target IC, allowing measurement of the IC’s temperature,
independent of the LM95231’s temperature. A discrete diode
can also be used to sense the temperature of external
objects or ambient air. Remember that a discrete diode’s
temperature will be affected, and often dominated, by the
temperature of its leads. Most silicon diodes do not lend
themselves well to this application. It is recommended that
an MMBT3904 transistor base emitter junction be used with
the collector tied to the base.
The LM95231’s TruTherm technology allows accurate sens-
ing of integrated thermal diodes, such as those found on
processors. With TruTherm technology turned off, the
LM95231 can measure a diode connected transistor such as
the MMBT3904.
The LM95231 has been optimized to measure the remote
thermal diode integrated in a Pentium 4 processor on 90nm
process or an MMBT3904 transistor. Using the Remote Di-
ode Model Select register either pair of remote inputs can be
assigned to be either a Pentium 4 processor on 90nm pro-
cess or an MMBT3904.
3.1 DIODE NON-IDEALITY
3.1.1 Diode Non-Ideality Factor Effect on Accuracy
When a transistor is connected as a diode, the following
relationship holds for variables V
BE, T and IF:
(1)
where:
•
q = 1.6x10
−19 Coulombs (the electron charge),
•
T = Absolute Temperature in Kelvin
•
k = 1.38x10
−23joules/K (Boltzmann’s constant),
•
η is the non-ideality factor of the process the diode is
manufactured on,
•
I
S = Saturation Current and is process dependent,
•
I
f= Forward Current through the base emitter junction
•
V
BE = Base Emitter Voltage drop
In the active region, the -1 term is negligible and may be
eliminated, yielding the following equation
(2)
In Equation (2),
η and I
S are dependant upon the process
that was used in the fabrication of the particular diode. By
forcing two currents with a very controlled ratio (I
F2/IF1) and
measuring the resulting voltage difference, it is possible to
eliminate the I
S term. Solving for the forward voltage differ-
ence yields the relationship:
(3)
Solving Equation (3) for temperature yields:
(4)
Equation (4) holds true when a diode connected transistor
such as the MMBT3904 is used. When this “diode” equation
is applied to an integrated diode such as a processor tran-
sistor with its collector tied to GND as shown in Figure 3 it
will yield a wide non-ideality spread. This wide non-ideality
spread is not due to true process variation but due to the fact
that Equation (4) is an approximation.
TruTherm technology uses the transistor equation, Equation
(5), which is a more accurate representation of the topology
of the thermal diode found in an FPGA or processor.
(5)
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com