Electronic Components Datasheet Search
  English  ▼

X  

LM95231 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95231 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM95231 Datasheet HTML 10Page - National Semiconductor (TI) LM95231 Datasheet HTML 11Page - National Semiconductor (TI) LM95231 Datasheet HTML 12Page - National Semiconductor (TI) LM95231 Datasheet HTML 13Page - National Semiconductor (TI) LM95231 Datasheet HTML 14Page - National Semiconductor (TI) LM95231 Datasheet HTML 15Page - National Semiconductor (TI) LM95231 Datasheet HTML 16Page - National Semiconductor (TI) LM95231 Datasheet HTML 17Page - National Semiconductor (TI) LM95231 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
2.0 LM95231 Registers (Continued)
2.1 STATUS REGISTER
(Read Only Address 02h):
D7
D6
D5
D4
D3
D2
D1
D0
Busy
Reserved
R2TME
R1TME
RD2M
RD1M
000
Bits
Name
Description
7
Busy
When set to "1" the part is converting.
6-4
Reserved
Reports "0" when read.
3
Remote 2 TruTherm Mode
Enabled (R2TME)
When set to "1" indicates that the TruTherm Mode has been activated
for Remote diode 2. After being enabled TruTherm Mode will take at
most one conversion cycle to be fully active.
2
Remote 1 TruTherm Mode
Enabled (R2TME)
When set to "1" indicates that the TruTherm Mode has been activated
for Remote diode 1. After being enabled TruTherm Mode will take at
most one conversion cycle to be fully active.
1
Remote Diode 2 Missing (RD2M)
When set to "1" Remote Diode 2 is missing. (i.e. D2+ shorted to V
DD,
Ground or D2-, or D2+ is floating). Temperature Reading is FFE0h
which converts to 255.875 ˚C if unsigned format is selected or 8000h
which converts to –128.000 ˚C if signed format is selected. Note,
connecting a 2N3904 transistor to Remote 2 inputs with TruTherm
mode active may also cause this bit to be set.
0
Remote Diode 1 Missing (RD1M)
When set to "1" Remote Diode 1 is missing. (i.e. D1+ shorted to V
DD,
Ground or D1-, or D1+ is floating). Temperature Reading is FFE0h
which converts to 255.875 ˚C if unsigned format is selected or 8000h
which converts to –128.000 ˚C if signed format is selected. Note,
connecting a 2N3904 transistor to Remote 1 inputs with TruTherm
mode active may also cause this bit to be set.
2.2 CONFIGURATION REGISTER
(Read Address 03h /Write Address 03h):
D7
D6
D5
D4
D3
D2
D1
D0
0
RUN/STOP
CR1
CR0
0
R2DF
R1DF
0
Bits
Name
Description
7
Reserved
Reports "0" when read.
6
RUN/STOP
Logic 1 disables the conversion and puts the part in standby mode.
Conversion can be activated by writing to one-shot register.
5-4
Conversion Rate (CR1:CR0)
00: continuous mode 75.8 ms, 13.2 Hz (typ), when diode mode is
selected for both remote channels; 77.5 ms, 12.9 Hz (typ), when
TruTherm Mode is enabled for one remote channel.
01: converts every 182 ms, 5.5 Hz (typ)
10: converts every 1 second, 1 Hz (typ)
11: converts every 2.7 seconds, 0.37 Hz (typ)
Note: typically a remote diode conversion takes 30 ms with diode
mode is selected; when the TruTherm Mode is selected a conversion
takes an additional 1.7 ms; a local conversion takes 15.8 ms.
3
Reserved
Reports "0" when read.
2
Remote 2 Data Format (R2DF)
Logic 0: unsigned Temperature format (0 ˚C to +255.875 ˚C)
Logic 1: signed Temperature format (-128 ˚C to +127.875 ˚C)
1
Remote 1 Data Format (R1DF)
Logic 0: unsigned Temperature format (0 ˚C to +255.875 ˚C)
Logic 1: signed Temperature format (-128 ˚C to +127.875 ˚C)
0
Reserved
Reports "0" when read.
Power up default is with all bits “0” (zero)
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com