Electronic Components Datasheet Search
  English  ▼

X  

LM95231 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95231 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM95231 Datasheet HTML 1Page - National Semiconductor (TI) LM95231 Datasheet HTML 2Page - National Semiconductor (TI) LM95231 Datasheet HTML 3Page - National Semiconductor (TI) LM95231 Datasheet HTML 4Page - National Semiconductor (TI) LM95231 Datasheet HTML 5Page - National Semiconductor (TI) LM95231 Datasheet HTML 6Page - National Semiconductor (TI) LM95231 Datasheet HTML 7Page - National Semiconductor (TI) LM95231 Datasheet HTML 8Page - National Semiconductor (TI) LM95231 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Pin Descriptions (Continued)
Label
Pin #
Function
Typical Connection
D1−
2
Diode Return Current Sink
To Diode Cathode. A capacitor is not required
between D1+ and D1-. A 100 pF capacitor between
D1+ and D1− can be added and may improve
performance in noisy systems.
D2+
3
Diode Current Source
To Diode Anode. Connected to remote discrete
diode-connected transistor junction or to the
diode-connected transistor junction on a remote IC
whose die temperature is being sensed. A capacitor
is not required between D2+ and D2-. A 100 pF
capacitor between D2+ and D2− can be added and
may improve performance in noisy systems.
D2−
4
Diode Return Current Sink
To Diode Cathode. A capacitor is not required
between D2+ and D2-. A 100 pF capacitor between
D2+ and D2− can be added and may improve
performance in noisy systems.
GND
5
Power Supply Ground
System low noise ground
V
DD
6
Positive Supply Voltage
Input
DC Voltage from 3.0 V to 3.6 V. V
DD should be
bypassed with a 0.1 µF capacitor in parallel with
100 pF. The 100 pF capacitor should be placed as
close as possible to the power supply pin. Noise
should be kept below 200 mVp-p, a 10 µF capacitor
may be required to achieve this.
SMBDAT
7
SMBus Bi-Directional Data
Line, Open-Drain Output
From and to Controller; may require an external
pull-up resistor
SMBCLK
8
SMBus Clock Input
From Controller; may require an external pull-up
resistor
Simplified Block Diagram
20120201
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com