Electronic Components Datasheet Search
  English  ▼

X  

LM95231 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95231 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM95231 Datasheet HTML 11Page - National Semiconductor (TI) LM95231 Datasheet HTML 12Page - National Semiconductor (TI) LM95231 Datasheet HTML 13Page - National Semiconductor (TI) LM95231 Datasheet HTML 14Page - National Semiconductor (TI) LM95231 Datasheet HTML 15Page - National Semiconductor (TI) LM95231 Datasheet HTML 16Page - National Semiconductor (TI) LM95231 Datasheet HTML 17Page - National Semiconductor (TI) LM95231 Datasheet HTML 18Page - National Semiconductor (TI) LM95231 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
2.0 LM95231 Registers (Continued)
2.3 REMOTE DIODE FILTER CONTROL REGISTER
(Read/write Address 06h):
D7
D6
D5
D4
D3
D2
D1
D0
0
0000
R2FE
0
R1FE
Bits
Name
Description
7-3
Reserved
Reports "0" when read.
2
Remote 2 Filter Enable (R2FE)
0: Filter Off
1: Noise Filter On
1
Reserved
Reports "0" when read.
0
Remote 1 Filter Enable (R1FE)
0: Filter Off
1: Noise Filter On
Power up default is 05h.
2.4 REMOTE DIODE MODEL TYPE SELECT REGISTER
(Read/Write Address 30h):
D7
D6
D5
D4
D3
D2
D1
D0
0
0000
R2MS
0
R1MS
Bits
Name
Description
7-3
Reserved
Reports "0" when read.
2
Remote Diode 2 Model Select
(R2MS)
0: 2N3904 model (make sure TruTherm mode is disabled)
1: Pentium 4 processor on 90nm process model (make sure TruTherm
mode is enabled)
Power up default is 0.
1
Reserved
Reports "0" when read.
0
Remote Diode 1 Model Select
(R1MS)
0: 2N3904 model (make sure TruTherm mode is disabled)
1: Pentium 4 processor on 90nm process model (make sure TruTherm
mode is enabled)
Power up default is 1.
Power up default is 01h.
2.5 REMOTE TruTherm MODE CONTROL
(Read/Write Address 07h):
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
R2M2
R2M1
R2M0
Reserved
R1M2
R1M1
R1M0
Bits
Description
7
Reserved
Must be left at 0.
6-4
R2M2:R2M0
000: Remote 2 TruTherm Mode disabled; used when measuring
MMBT3904 transistors
001: Remote 2 TruTherm Mode enabled; used when measuring
Processors
111: Remote 2 TruTherm Mode enabled; used when measuring
Processors
Note, all other codes provide unspecified results and should not be
used.
3
Reserved
Must be left at 0.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com