Electronic Components Datasheet Search
  English  ▼

X  

LM95231 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95231 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM95231 Datasheet HTML 1Page - National Semiconductor (TI) LM95231 Datasheet HTML 2Page - National Semiconductor (TI) LM95231 Datasheet HTML 3Page - National Semiconductor (TI) LM95231 Datasheet HTML 4Page - National Semiconductor (TI) LM95231 Datasheet HTML 5Page - National Semiconductor (TI) LM95231 Datasheet HTML 6Page - National Semiconductor (TI) LM95231 Datasheet HTML 7Page - National Semiconductor (TI) LM95231 Datasheet HTML 8Page - National Semiconductor (TI) LM95231 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Ordering Information
Part Number
Package
Marking
NS Package
Number
Transport
Media
SMBus Device
Address
Thermal Diode
Accuracy
LM95231BIMM
T23B
MUA08A (MSOP-8)
1000 Units on Tape and
Reel
010 1011
±0.75
LM95231BIMMX
T23B
MUA08A (MSOP-8)
3500 Units on Tape and
Reel
010 1011
±0.75
LM95231BIMM-1
T25B
MUA08A (MSOP-8)
1000 Units on Tape and
Reel
001 1001
±0.75
LM95231BIMMX-1
T25B
MUA08A (MSOP-8)
3500 Units on Tape and
Reel
001 1001
±0.75
LM95231BIMM-2
T26B
MUA08A (MSOP-8)
1000 Units on Tape and
Reel
010 1010
±0.75
LM95231BIMMX-2
T26B
MUA08A (MSOP-8)
3500 Units on Tape and
Reel
010 1010
±0.75
LM95231CIMM
T23C
MUA08A (MSOP-8)
1000 Units on Tape and
Reel
010 1011
±1.25
LM95231CIMMX
T23C
MUA08A (MSOP-8)
3500 Units on Tape and
Reel
010 1011
±1.25
LM95231CIMM-1
T25C
MUA08A (MSOP-8)
1000 Units on Tape and
Reel
001 1001
±1.25
LM95231CIMMX-1
T25C
MUA08A (MSOP-8)
3500 Units on Tape and
Reel
001 1001
±1.25
LM95231CIMM-2
T26C
MUA08A (MSOP-8)
1000 Units on Tape and
Reel
010 1010
±1.25
LM95231CIMMX-2
T26C
MUA08A (MSOP-8)
3500 Units on Tape and
Reel
010 1010
±1.25
Typical Application
20120203
Pin Descriptions
Label
Pin #
Function
Typical Connection
D1+
1
Diode Current Source
To Diode Anode. Connected to remote discrete
diode-connected transistor junction or to the
diode-connected transistor junction on a remote IC
whose die temperature is being sensed. A capacitor
is not required between D1+ and D1-. A 100 pF
capacitor between D1+ and D1− can be added and
may improve performance in noisy systems.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com