Electronic Components Datasheet Search
  English  ▼

X  

LM95231 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95231 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM95231 Datasheet HTML 7Page - National Semiconductor (TI) LM95231 Datasheet HTML 8Page - National Semiconductor (TI) LM95231 Datasheet HTML 9Page - National Semiconductor (TI) LM95231 Datasheet HTML 10Page - National Semiconductor (TI) LM95231 Datasheet HTML 11Page - National Semiconductor (TI) LM95231 Datasheet HTML 12Page - National Semiconductor (TI) LM95231 Datasheet HTML 13Page - National Semiconductor (TI) LM95231 Datasheet HTML 14Page - National Semiconductor (TI) LM95231 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1.0 Functional Description (Continued)
1.7 COMMUNICATING with the LM95231
The data registers in the LM95231 are selected by the
Command Register. At power-up the Command Register is
set to “00”, the location for the Read Local Temperature
Register. The Command Register latches the last location it
was set to. Each data register in the LM95231 falls into one
of four types of user accessibility:
1.
Read only
2.
Write only
3.
Write/Read same address
4.
Write/Read different address
A Write to the LM95231 will always include the address byte
and the command byte. A write to any register requires one
data byte.
Reading the LM95231 can take place either of two ways:
1.
If the location latched in the Command Register is cor-
rect (most of the time it is expected that the Command
Register will point to one of the Read Temperature Reg-
isters because that will be the data most frequently read
from the LM95231), then the read can simply consist of
an address byte, followed by retrieving the data byte.
2.
If the Command Register needs to be set, then an
address byte, command byte, repeat start, and another
address byte will accomplish a read.
The data byte has the most significant bit first. At the end of
a read, the LM95231 can accept either acknowledge or No
Acknowledge from the Master (No Acknowledge is typically
used as a signal for the slave that the Master has read its
last byte). When retrieving all 11 bits from a previous remote
diode temperature measurement, the master must insure
that all 11 bits are from the same temperature conversion.
This may be achieved by reading the MSB register first. The
LSB will be locked after the MSB is read. The LSB will be
unlocked after being read. If the user reads MSBs consecu-
tively, each time the MSB is read, the LSB associated with
that temperature will be locked in and override the previous
LSB value locked-in.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com