Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 3 Page - Renesas Technology Corp

  DA9130 Datasheet HTML 1Page - Renesas Technology Corp DA9130 Datasheet HTML 2Page - Renesas Technology Corp DA9130 Datasheet HTML 3Page - Renesas Technology Corp DA9130 Datasheet HTML 4Page - Renesas Technology Corp DA9130 Datasheet HTML 5Page - Renesas Technology Corp DA9130 Datasheet HTML 6Page - Renesas Technology Corp DA9130 Datasheet HTML 7Page - Renesas Technology Corp DA9130 Datasheet HTML 8Page - Renesas Technology Corp DA9130 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
DA9130 Datasheet
R16DO0058EJ0301
Rev.03.01
July 01, 2025
CFR0011-120-00
Page 3
System Diagrams
Figure 1. Simplified Schematic Diagram
CONF
DA9130
SoC
CPU
IC_EN
GPU
AGND
PVDD
AVDD
VR_
HOT
DA9131
IC_EN
AGND
PVDD
AVDD
DDR
1.8 V
1.1 V
CONF
DA9130
IC_EN
AGND
PVDD
AVDD
GPU_EN
CPU_LP
PG (DVS ready)
VR_CPU_HOT
GPIO
GPU_LP
IO_LP
DDR_LP
VR_GPU_HOT
VR_DDR_HOT
Figure 2. Typical Application Diagram (Port Control)
I2C CLK
Faults
PG (ENx/DVS ready)
I2C DATA
CONF
DA9130
SoC
I
2C
CPU
IC_EN
GPIO
GPU
AGND
PVDD
AVDD
CONF
DA9131
IC_EN
AGND
PVDD
AVDD
DDR
1.8 V
1.1 V
CONF
DA9130
IC_EN
AGND
PVDD
AVDD
GPU_EN
Figure 3. Typical Application Diagram (I2C Control)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com