Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 24Page - Renesas Technology Corp DA9130 Datasheet HTML 25Page - Renesas Technology Corp DA9130 Datasheet HTML 26Page - Renesas Technology Corp DA9130 Datasheet HTML 27Page - Renesas Technology Corp DA9130 Datasheet HTML 28Page - Renesas Technology Corp DA9130 Datasheet HTML 29Page - Renesas Technology Corp DA9130 Datasheet HTML 30Page - Renesas Technology Corp DA9130 Datasheet HTML 31Page - Renesas Technology Corp DA9130 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
DA9130 Datasheet
R16DO0058EJ0301
Rev.03.01
July 01, 2025
CFR0011-120-00
Page 28
Addr
Register
7
6
5
4
3
2
1
0
Buck Control
Buck1
0x20
BUCK_BUCK1_0
Reserved
CH1_SR_DVC_DWN<2:0>
CH1_SR_DVC_UP<2:0>
CH1_EN
0x21
BUCK_BUCK1_1
Reserved
CH1_SR_SHDN<2:0>
CH1_SR_STARTUP<2:0>
CH1_PD_DIS
0x22
BUCK_BUCK1_2
Reserved
Reserved
Reserved
Reserved
CH1_ILIM<3:0>
0x23
BUCK_BUCK1_3
CH1_VMAX<7:0>
0x24
BUCK_BUCK1_4
Reserved
Reserved
Reserved
CH1_VSEL
CH1_B_MODE<1:0>
CH1_A_MODE<1:0>
0x25
BUCK_BUCK1_5
CH1_A_VOUT<7:0>
0x26
BUCK_BUCK1_6
CH1_B_VOUT<7:0>
0x27
BUCK_BUCK1_7
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Serialization
0x48
OTP_DEVICE_ID
DEV_ID<7:0>
0x49
OTP_VARIANT_ID
MRC<3:0>
VRC<3:0>
0x4A
OTP_CUSTOMER_ID
CUST_ID<7:0>
0x4B
OTP_CONFIG_ID
CONFIG_REV<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com