Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 2 Page - Renesas Technology Corp

  DA9130 Datasheet HTML 1Page - Renesas Technology Corp DA9130 Datasheet HTML 2Page - Renesas Technology Corp DA9130 Datasheet HTML 3Page - Renesas Technology Corp DA9130 Datasheet HTML 4Page - Renesas Technology Corp DA9130 Datasheet HTML 5Page - Renesas Technology Corp DA9130 Datasheet HTML 6Page - Renesas Technology Corp DA9130 Datasheet HTML 7Page - Renesas Technology Corp DA9130 Datasheet HTML 8Page - Renesas Technology Corp DA9130 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
DA9130 Datasheet
R16DO0058EJ0301
Rev.03.01
July 01, 2025
CFR0011-120-00
Page 2
Benefits
▪ High Efficiency buck converters deliver outstanding thermal performance
▪ Fully integrated switching FET’s means no external FETs or Schottky diodes are required
▪ Remote sensing guarantees the highest accuracy and supports multiple PCB routing scenarios without loss of
perf ormance.
▪ Fully programmable soft-start limits the inrush current from the input to give a slope-controlled output voltage.
▪ Dynamic voltage control (DVC) enables adaptive adjustment of the device output voltage depending on the
load. This increases efficiency when the downstream circuitry enters low power or idle mode, resulting in
power savings.
▪ Configurable GPIOs support a range of features including I2C, DVC and Power-Good indicator.
▪ Optimized BoM cost and footprint: Each output requires a very small inductor and capacitor delivering parts
and cost savings
▪ Cycle by cycle current limiting for superior over-current protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com