Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 11Page - Renesas Technology Corp DA9130 Datasheet HTML 12Page - Renesas Technology Corp DA9130 Datasheet HTML 13Page - Renesas Technology Corp DA9130 Datasheet HTML 14Page - Renesas Technology Corp DA9130 Datasheet HTML 15Page - Renesas Technology Corp DA9130 Datasheet HTML 16Page - Renesas Technology Corp DA9130 Datasheet HTML 17Page - Renesas Technology Corp DA9130 Datasheet HTML 18Page - Renesas Technology Corp DA9130 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
DA9130 Datasheet
R16DO0058EJ0301
Rev.03.01
July 01, 2025
CFR0011-120-00
Page 15
Parameter
Description
Conditions
Min
Typ
Max
Unit
RPU
GPIO pull-up resistor
VSYS = 3.7 V
Note 1
28
45
70
kΩ
Note 1
Resistance may have greater variation, depending on voltage and temperature.
3.8
Timing Specifications
Table 11: I2C Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical performance
tBUS
Bus free time between a STOP
and START condition
0.5
μs
CBUS
Bus line capacitive load
150
pF
fSCL
SCL clock frequency
20
Note 1
1000
kHz
tLO_SCL
SCL low time
0.5
μs
tHI_SCL
SCL high time
0.26
μs
tRISE
SCL and SDA rise time
Requirement for input
1000
ns
tFALL
SCL and SDA fall time
Requirement for input
300
ns
tSETUP_START
Start condition setup time
0.26
μs
tHOLD_START
Start condition hold time
0.26
μs
tSETUP_STOP
Stop condition setup time
0.26
μs
tDATA
Data valid time
0.45
μs
tDATA_ACK
Data valid acknowledge time
0.45
μs
tSETUP_DATA
Data setup time
50
ns
tHOLD_DATA
Data hold time
0
ns
Note 1
Minimum clock frequency is limited to 20 kHz if I2C_TIMEOUT is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com