Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 6Page - Renesas Technology Corp DA9130 Datasheet HTML 7Page - Renesas Technology Corp DA9130 Datasheet HTML 8Page - Renesas Technology Corp DA9130 Datasheet HTML 9Page - Renesas Technology Corp DA9130 Datasheet HTML 10Page - Renesas Technology Corp DA9130 Datasheet HTML 11Page - Renesas Technology Corp DA9130 Datasheet HTML 12Page - Renesas Technology Corp DA9130 Datasheet HTML 13Page - Renesas Technology Corp DA9130 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
DA9130 Datasheet
R16DO0058EJ0301
Rev.03.01
July 01, 2025
CFR0011-120-00
Page 10
3.
Specifications
3.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These are stress ratings only, so functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specification are not implied. Exposure to Absolute Maximum
Rating conditions f or extended periods may af f ect device reliability.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in f ailures not covered by warranty.
Table 3: Absolute Maximum Ratings
Parameter
Description
Conditions
Min
Max
Unit
TSTG
Storage temperature
-65
150
°C
TJ
Junction temperature
-40
150
°C
VSYS
System supply voltage
-0.3
6.0
V
VPIN
Voltage on pins
-0.3
6.0
V
3.2
Electrostatic Discharge Ratings
Table 4: Electrostatic Discharge Ratings
Parameter
Description
Conditions
Rating
Unit
VESD_HBM
ESD protection, human body model
(HBM)
2
kV
VESD_CDM
Maximum ESD protection
Charged device model (CDM)
500
V
3.3
Recommended Operating Conditions
Table 5: Recommended Operating Conditions
Parameter
Description
Conditions (Note 1)
Min
Typ
Max
Unit
VSYS
System supply voltage
2.8
5.5
V
VPIN
Voltage on pins
-0.3
VSYS +
0.3
V
TJ
Junction temperature
-40
125
°C
TA
Ambient temperature
-40
105
°C
Note 1
Within the specified limits, a lifetime of 10 years is guaranteed. If operating outside of these recommended
conditions, please consult with Renesas.
Note 2
VSYS, VIN, PVDD and AVDD should be connected together. The pin names are different for routing purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com