Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 1 Page - Renesas Technology Corp

  DA9130 Datasheet HTML 1Page - Renesas Technology Corp DA9130 Datasheet HTML 2Page - Renesas Technology Corp DA9130 Datasheet HTML 3Page - Renesas Technology Corp DA9130 Datasheet HTML 4Page - Renesas Technology Corp DA9130 Datasheet HTML 5Page - Renesas Technology Corp DA9130 Datasheet HTML 6Page - Renesas Technology Corp DA9130 Datasheet HTML 7Page - Renesas Technology Corp DA9130 Datasheet HTML 8Page - Renesas Technology Corp DA9130 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Datasheet
DA9130
High-Perf ormance, 10 A, Dual-Phase DC-DC Converter f or Mobile and Portable Applications
R16DO0058EJ0301
Rev.03.01
July 01, 2025
CFR0011-120-00
Page 1
© 2025 Renesas Electronics
DA9130 is a power management IC (PMIC) suitable
f or supplying CPUs, GPUs, DDR memory rails in
single in-line pin package (SIPP) modules, mobile,
portable and consumer applications.
DA9130 operates as a single-channel dual-phase
buck converter, each phase requiring a small
external 0.22 µH inductor. It is capable of delivering
up to 10 A output current at a 0.3 V to 1.9 V output
voltage range. The 2.8 V to 5.5 V input voltage
range is suitable f or a wide variety of low-voltage
systems.
With remote sensing, the DA9130 guarantees the
highest accuracy and supports multiple PCB routing
scenarios without loss of perf ormance.
The pass devices are f ully integrated, so no external
FETs or Schottky diodes are needed.
A programmable sof t start-up can be enabled,
which limits the inrush current f rom the input node
and secures a slope-controlled rail activation.
The dynamic voltage control (DVC) supports
adaptive adjustment of the supply voltage
dependent on the processor load, via either a direct
register write using the communication interf ace
(I
2C-compatible) or with a programmable input pin.
A conf igurable GPI allows multiple I
2C address
selection f or multiple instances of DA9130 in the
same application.
DA9130 has integrated over-temperature and over-
current protection f or increased system reliability,
without the need for external sensing components.
Key Features
▪ 2.8 V to 5.5 V input voltage
▪ 0.3 V to 1.9 V output voltage
▪ Up to 10 A output current
▪ 4 MHz nominal switching frequency
▪ Dual-phase operation
▪ 220 nH inductor per phase
▪ 20 µF output capacitor
▪ ±1 % output voltage accuracy (static)
▪ ±5 % load transient (dynamic)
▪ Programmable GPIOs
▪ Programmable soft startup
▪ I2C-compatible interface (FM+)
▪ Voltage, current, and temperature supervision
▪ 24-pin FCQFN package, wettable flanks (nom.
3.3 mm x 4.8 mm)
▪ 218 mm² total solution area
▪ -40 °C to +105 ºC ambient temperature range
▪ AEC-Q100 Grade 2 qualified version also
available for Automotive applications (DA9130-A)
Applications
▪ Switches and routers
▪ Smart metering
▪ Industrial automation
▪ Wireless
▪ Consumer products
▪ SoC/FPGA high performance processing system
requiring ef f icient, high current, power delivery
▪ SIPP modules (SoC, DRAM)


Similar Part No. - DA9130

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9130 DIALOG-DA9130 Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9130 RENESAS-DA9130 Datasheet
899Kb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
14-Apr-2022
logo
Dialog Semiconductor
DA9130-A DIALOG-DA9130-A Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
logo
Renesas Technology Corp
DA9130-A RENESAS-DA9130-A Datasheet
975Kb / 45P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
14-Apr-2022
DA9130-A RENESAS-DA9130-A Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
July 01, 2025
More results

Similar Description - DA9130

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9121 DIALOG-DA9121 Datasheet
1Mb / 50P
High-Performance, 10 A, Dual-Phase DC-DC Converter
DA9130 DIALOG-DA9130 Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
DA9130-A DIALOG-DA9130-A Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
DA9131 DIALOG-DA9131 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
DA9132 DIALOG-DA9132 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9121 RENESAS-DA9121 Datasheet
1Mb / 53P
High-Performance, 10 A, Dual-Phase DC-DC Converter
15-Feb-2022
DA9130-A RENESAS-DA9130-A Datasheet
975Kb / 45P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
14-Apr-2022
DA9130 RENESAS-DA9130 Datasheet
899Kb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
14-Apr-2022
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
DA9132 RENESAS-DA9132 Datasheet
969Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com