Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9232 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button DA9232 Datasheet HTML 28Page - Renesas Technology Corp DA9232 Datasheet HTML 29Page - Renesas Technology Corp DA9232 Datasheet HTML 30Page - Renesas Technology Corp DA9232 Datasheet HTML 31Page - Renesas Technology Corp DA9232 Datasheet HTML 32Page - Renesas Technology Corp DA9232 Datasheet HTML 33Page - Renesas Technology Corp DA9232 Datasheet HTML 34Page - Renesas Technology Corp DA9232 Datasheet HTML 35Page - Renesas Technology Corp DA9232 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and
Ultra-Low Output Ripple Buck Regulator
Datasheet
Revision 2.5
13-Jun-2023
CFR0011-120-00 Rev 5
32 of 50
© 2023 Renesas Electronics
10.5 GPO Pin Function Programming
DA9232 has a General-purpose output (GPO) pin which can be programmed to have multiple
functions.
10.5.1
Power Good Indicator
When GPO pin is configured to the VDD power good indicator, it is an open drain output and can be
configured to either active high or active low. When GPO status is Hi-Z, an external pull-up is
required for GPO to be high.
Table 12: GPO as Power Good Indicator
GPO Configuration
VIN > VIN_UVLO
GPO Status
Active High
No
0
Yes
Hi-Z
Active Low
No
Hi-Z
Yes
0
10.5.2
Event Indicator
GPO pin can also be configured as the event indicator in open drain output. Whenever there is an
event or multiple events (VIN_UV_EVNT or OV_BUCK_EVENT or OC_BUCK_EVENT or
UV_BUCK_EVENT) happen, GPO will be pulled down Low. This can be used as an interrupt to host
CPU to inform events happened. When there is no event, GPO will remain in Hi-Z status and an
external pull-up is required for GPO to be high.
10.5.3
Reset Pulse Generation
GPO pin can be configured to generate a reset pulse signal when buck starts. The reset signal can
be used by host CPU or other device that are connected to buck output. When GPO is Low, it
indicates a reset pulse period; when GPO is in Hi-Z status (An external pull-up is required for GPO to
be high), it indicates a non-reset period.
There is also a timing control to negate the reset pulse signal. The GPO reset pulse width can be
adjusted between 8 and 112 ms measured from written 1 to BUCK_EN register bit.
10.5.4
Always Pull-Down or Hi-Z
When GPO pin is not used, it can be configured to either always Hi-Z or pull-down to Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com