Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9232 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA9232 Datasheet HTML 10Page - Renesas Technology Corp DA9232 Datasheet HTML 11Page - Renesas Technology Corp DA9232 Datasheet HTML 12Page - Renesas Technology Corp DA9232 Datasheet HTML 13Page - Renesas Technology Corp DA9232 Datasheet HTML 14Page - Renesas Technology Corp DA9232 Datasheet HTML 15Page - Renesas Technology Corp DA9232 Datasheet HTML 16Page - Renesas Technology Corp DA9232 Datasheet HTML 17Page - Renesas Technology Corp DA9232 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and
Ultra-Low Output Ripple Buck Regulator
Datasheet
Revision 2.5
13-Jun-2023
CFR0011-120-00 Rev 5
14 of 50
© 2023 Renesas Electronics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT_VBUCK_SN
S_HI
Buck output voltage
range
HI programmable range,
50 mV steps
VOUT_RANGE_HI = 1
1.3
1.9
V
VOUT_VBUCK_SN
S_LO
Buck output voltage
range
LO programmable range,
50 mV steps
VOUT_RANGE_HI = 0
0.6
1.3
V
VOUT_VBUCK_AC
C_HI
Buck output voltage
accuracy (Note 1)
VVDD_SYS = 2.5 - 5.5V
IOUT = 0 - 60 mA
VOUT_RANGE_HI = 1
VBUCK = 1.8 V
-1.5
1.5
%
VOUT_VBUCK_AC
C_LO
Buck output voltage
accuracy (Note 1)
VVDD_SYS = 2.5 - 5.5 V
IOUT = 0 - 60 mA
VOUT_RANGE_HI = 0
VBUCK = 0.7 V
-2.5
2.5
%
Note 1
Includes all variations caused by Line and Load Regulations, Ripple and Temperature.
Table 7: GPO - Electrical performance
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RPD
GPO pull-down resistance
VVDD_SYS = 3.6 V
12
Ω
VOH
GPO Output high voltage
VPULLUP = 1.8 V
1.4
V
VOL
GPO Output low voltage
VPULLUP = 1.8 V
0.4
V
Table 8: Analog Core - Electrical performance
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VTH_UVLO
Under-voltage lockout
threshold
Input voltage falling
2.4
2.5
V
VTH_UVLO_RI
SE
Under-voltage lockout
threshold rising.
Input voltage rising.
2.75
V
VHYS_UVLO
Under-voltage lockout
hysteresis
Input voltage rising
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com