Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9232 Datasheet(HTML) 4 Page - Renesas Technology Corp

  DA9232 Datasheet HTML 1Page - Renesas Technology Corp DA9232 Datasheet HTML 2Page - Renesas Technology Corp DA9232 Datasheet HTML 3Page - Renesas Technology Corp DA9232 Datasheet HTML 4Page - Renesas Technology Corp DA9232 Datasheet HTML 5Page - Renesas Technology Corp DA9232 Datasheet HTML 6Page - Renesas Technology Corp DA9232 Datasheet HTML 7Page - Renesas Technology Corp DA9232 Datasheet HTML 8Page - Renesas Technology Corp DA9232 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and
Ultra-Low Output Ripple Buck Regulator
Datasheet
Revision 2.5
13-Jun-2023
CFR0011-120-00 Rev 5
4 of 50
© 2023 Renesas Electronics
Figures
Figure 1: Block Diagram ........................................................................................................................ 7
Figure 2: DA9232 Application Diagram ................................................................................................. 7
Figure 3: Pinout Diagram (Top View) .................................................................................................... 8
Figure 4: Buck VOUT = 1.8 V ................................................................................................................ 17
Figure 5: Buck VOUT = 0.7 V ................................................................................................................ 17
Figure 6: High-Side FET...................................................................................................................... 17
Figure 7: Low-Side FET....................................................................................................................... 17
Figure 8: Buck VOUT = 1.8 V ................................................................................................................ 18
Figure 9: Buck VOUT = 1.2 V ................................................................................................................ 18
Figure 10: Buck VOUT = 0.9V ............................................................................................................... 18
Figure 11: Buck VOUT = 0.7 V .............................................................................................................. 18
Figure 12: Buck VOUT = 1.8 V .............................................................................................................. 19
Figure 13: Buck VOUT = 1.2 V .............................................................................................................. 19
Figure 14: Buck VOUT = 0.9 V .............................................................................................................. 19
Figure 15: Buck VOUT = 0.7 V .............................................................................................................. 19
Figure 16: Buck VOUT = 1.8 V .............................................................................................................. 20
Figure 17: Buck VOUT = 1.2 V .............................................................................................................. 20
Figure 18: Buck VOUT = 0.9 V .............................................................................................................. 20
Figure 19: Buck VOUT = 0.7 V .............................................................................................................. 20
Figure 20: Buck VOUT = 1.8 V .............................................................................................................. 21
Figure 21: Buck VOUT = 1.2 V .............................................................................................................. 21
Figure 22: Buck VOUT = 0.9 V .............................................................................................................. 21
Figure 23: Buck VOUT = 0.7 V .............................................................................................................. 21
Figure 24: Buck VIN = 3.6 V, Buck VOUT = 1.8 V, Buck ILOAD = 1 mA ................................................... 22
Figure 25: Buck VIN = 3.6 V, Buck VOUT = 1.8 V, Buck ILOAD = 60 mA ................................................. 22
Figure 26: Buck VIN = 3.6 V, Buck VOUT = 0.7 V, Buck ILOAD = 1 mA ............................................... 22
Figure 27: Buck VIN = 3.6 V, Buck VOUT = 0.7 V, Buck ILOAD = 60 mA ................................................. 22
Figure 28: Buck ILOAD = 0.5 mA to 60 mA to 0.5 mA (0.1A/µs); Buck VIN = 3.6 V, Buck VOUT = 1.8 V 23
Figure 29: Buck ILOAD = 0.5 mA to 60 mA to 0.5 mA (0.1A/µs); Buck VIN = 3.6 V, Buck VOUT = 0.7 V 23
Figure 30: Buck VOUT 0.6 V to 1.2 V; Buck VIN = 3.6 V, Buck ILOAD = 60 mA....................................... 24
Figure 31: Buck VOUT 1.2 V to 0.6 V; Buck VIN = 3.6 V, Buck ILOAD = 60 mA....................................... 24
Figure 32: Buck VOUT 1.3 V to 1.9 V; Buck VIN = 3.6 V, Buck ILOAD = 60 mA....................................... 24
Figure 33: Buck VOUT 1.9 V to 1.3 V; Buck VIN = 3.6 V, Buck ILOAD = 60 mA....................................... 24
Figure 34: Device Enable: Buck VIN = 3.6 V, Buck VOUT 1.8 V, Buck ILOAD = 60 mA........................... 25
Figure 35: VOUT ramp-up after Enabled (Zoom-in of............................................................................ 25
Tables
Table 1: Pin Description ........................................................................................................................ 8
Table 2: Pin Type Definition .................................................................................................................. 9
Table 3: Absolute Maximum Ratings................................................................................................... 10
Table 4: Recommended Operating Conditions ................................................................................... 11
Table 5: Input Current.......................................................................................................................... 13
Table 6: Buck Output........................................................................................................................... 13
Table 7: GPO - Electrical performance ............................................................................................... 14
Table 8: Analog Core - Electrical performance ................................................................................... 14
Table 9: I2C interface .......................................................................................................................... 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com