Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9232 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button DA9232 Datasheet HTML 29Page - Renesas Technology Corp DA9232 Datasheet HTML 30Page - Renesas Technology Corp DA9232 Datasheet HTML 31Page - Renesas Technology Corp DA9232 Datasheet HTML 32Page - Renesas Technology Corp DA9232 Datasheet HTML 33Page - Renesas Technology Corp DA9232 Datasheet HTML 34Page - Renesas Technology Corp DA9232 Datasheet HTML 35Page - Renesas Technology Corp DA9232 Datasheet HTML 36Page - Renesas Technology Corp DA9232 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
Datasheet
Revision 2.5
13-Jun-2023
CFR0011-120-00 Rev 5
33 of 50
© 2023 Renesas Electronics
11 Register Overview
11.1 Register Map
11.1.1
Buck Control
Table 13: Event/Status/Mask and User Registers
User Registers
Register
Addr
7
6
5
4
3
2
1
0
EVENT
0x0000 Reserved
VIN_UV_EVENT
Reserved
OC_BUCK_EVENT
OV_BUCK_EVENT
UV_BUCK_EVENT
Reserve
d
Reserved
STATUS
0x0002 Reserved
VIN_UV_STAT
Reserved
OC_BUCK_STAT
OV_BUCK_STAT
UV_BUCK_STAT
Reserve
d
BUCK_EN_STA
T
MASK
0x0003 Reserved
M_VIN_UV
Reserved
M_OC_BUCK_EVEN
T
M_OV_BUCK_EVEN
T
M_UV_BUCK_EVEN
T
Reserve
d
Reserved
GPO
0x0004 GPO_RST_CTRL<3:0>
GPO_CTRL<3:0>
BUCK
0x0005 BUCK_EN
VOUT_RANGE_H
I
Reserved
BUCK_VOUT<4:0>
BUCK_CFG
0x0006 Reserved
Reserved
BUCK_PD_CFG
2
BUCK_PD_CFG1
Reserved
Reserved
SEL_BUCK_ILIM<1:0>
FAULT_CTL
0x0008
SC_DIS_BUC
K
OC_DIS_BUCK
OV_DIS_BUCK
TSD_FRC_DIS
UVLO_FRC_DIS
RCVRY_NUM<2:0>
PIN_MONTO
R
0x000
A
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserve
d
GPO_OUT_MON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com