Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9232 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button DA9232 Datasheet HTML 24Page - Renesas Technology Corp DA9232 Datasheet HTML 25Page - Renesas Technology Corp DA9232 Datasheet HTML 26Page - Renesas Technology Corp DA9232 Datasheet HTML 27Page - Renesas Technology Corp DA9232 Datasheet HTML 28Page - Renesas Technology Corp DA9232 Datasheet HTML 29Page - Renesas Technology Corp DA9232 Datasheet HTML 30Page - Renesas Technology Corp DA9232 Datasheet HTML 31Page - Renesas Technology Corp DA9232 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and
Ultra-Low Output Ripple Buck Regulator
Datasheet
Revision 2.5
13-Jun-2023
CFR0011-120-00 Rev 5
28 of 50
© 2023 Renesas Electronics
additional conduction loss. If both FETs remain in the OFF state for a certain delay time after inductor
current crosses zero, the device will enter power saving mode. In power saving mode, DA9232 shuts
down most of the internal circuitry to save current consumption. The lighter the load, the longer the
duration of power saving mode will be, to achieve the lowest quiescent current and improve light load
efficiency.
10.3.4
Dynamic Voltage Control
DA9232 buck regulator has dynamic voltage control (DVC) feature which allows the buck output
voltage to track the internal reference voltage when it changes at a rate of 50 mV/2 ms. Since the
buck output voltage can only be changed within an allowable range while still keeping the buck
enabled, DVC also follows the same behaviour. The DVC is done via I2C, whereby the buck output
voltage setting is stepped in 50 mV steps within either the low range or high range. Each voltage step
lasts for 2 ms.
10.3.5
Cycle-by-cycle Over-Current Protection
For the Over-current Protection (OCP) in DA9232, the peak current through high-side FET is
monitored cycle-by-cycle. When the sensed current exceeds the pre-set current limit, the high-side
FET will be turned OFF immediately to limit the inductor current. The high-side FET will be turned on
again after the constant-off time expires. If the OC condition persists for 64 µs, buck will be forced off
and buck output will be pull-down until the fault clears, see Section 10.3.9 for fault behavior and
control and Section 10.3.8 for output voltage discharge and control. An OC_BUCK_Event will be
flagged if it is not masked.
10.3.6
Output Over-Voltage Protection
DA9232 features an output over-voltage protection (OVP) to protect the load from damage. When
both IC_EN and BUCK_EN are high and the buck output voltage is 200 mV greater than the internal
reference voltage, the high side FET is immediately OFF, see Section 10.3.9 for fault behavior and
control. Then the internal buck output discharge FET will be turned on to discharge buck output
capacitor, see Section 10.3.8 for output voltage discharge and control. An OV_BUCK_Event will be
flagged if it is not masked. Buck will remain off and buck output will be pull-down until the fault is
cleared.
10.3.7
Output Under-Voltage Protection
When buck output short happens, inductor current will increase until the peak reaches the cycle-by-
cycle current limit. Then the high-side FET turns OFF and low-side FET turns on. Since buck output
is shorted, inductor current slope is very small during low-side FET on time. The inductor current
could gradually go higher and higher. To effectively prevent the inductor current running away at VOUT
short condition, buck VOUT is also monitored. If over-current condition happens and buck VOUT drops
400 mV below the reference voltage, the buck regulator will be shut off immediately and an
UV_BUCK_Event will be flagged if it is not masked, see Section 10.3.9 for fault behavior and control.
10.3.8
Automatic Output voltage Discharge
To speed up the discharging of buck output capacitor and ensure a safer start-up next time, the buck
regulator provides automatic output voltage discharge when IC_EN is pulled low or buck shutdown
caused by any fault. Automatic output discharge when buck is forced OFF by fault needs to set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com