Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9232 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button DA9232 Datasheet HTML 6Page - Renesas Technology Corp DA9232 Datasheet HTML 7Page - Renesas Technology Corp DA9232 Datasheet HTML 8Page - Renesas Technology Corp DA9232 Datasheet HTML 9Page - Renesas Technology Corp DA9232 Datasheet HTML 10Page - Renesas Technology Corp DA9232 Datasheet HTML 11Page - Renesas Technology Corp DA9232 Datasheet HTML 12Page - Renesas Technology Corp DA9232 Datasheet HTML 13Page - Renesas Technology Corp DA9232 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and
Ultra-Low Output Ripple Buck Regulator
Datasheet
Revision 2.5
13-Jun-2023
CFR0011-120-00 Rev 5
10 of 50
© 2023 Renesas Electronics
4
Absolute Maximum Ratings
Table 3: Absolute Maximum Ratings
Symbol
Description
Conditions
Min
Max
Unit
TSTG
Storage temperature
-65
150
°C
TJ
Operating junction
temperature
-40
125
°C
VDD
Analog VIN pin
Tied to VDD_SYS
-0.3
6
V
VDD_SYS
Power VIN pin
Tied to VDD
-0.3
6
V
I/O pins
Maximum voltage
I/O pin voltage
≤ VDD
-0.3
6
V
Stresses beyond those listed under Absolute maximum ratings may cause permanent damage to the device.
These are stress ratings only, so functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specification are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com