Electronic Components Datasheet Search
  English  ▼

X  

MAX9713 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX9713
Description  6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9713 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX9713 Datasheet HTML 3Page - Analog Devices MAX9713 Datasheet HTML 4Page - Analog Devices MAX9713 Datasheet HTML 5Page - Analog Devices MAX9713 Datasheet HTML 6Page - Analog Devices MAX9713 Datasheet HTML 7Page - Analog Devices MAX9713 Datasheet HTML 8Page - Analog Devices MAX9713 Datasheet HTML 9Page - Analog Devices MAX9713 Datasheet HTML 10Page - Analog Devices MAX9713 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
6W, Filterless, Spread-Spectrum
Mono/Stereo Class D Amplifiers
_______________________________________________________________________________________
7
PIN
MAX9713
MAX9714
NAME
FUNCTION
1, 2, 23, 24
1, 2, 23, 24
PGND
Power Ground
3, 4, 21, 22
3, 4, 21, 22
VDD
Power-Supply Input
5
5
C1N
Charge-Pump Flying Capacitor Negative Terminal
6
6
C1P
Charge-Pump Flying Capacitor Positive Terminal
77
CHOLD
Charge-Pump Hold Capacitor. Connect a 1µF capacitor from CHOLD to VDD.
8, 17, 20, 25,
26, 31, 32
8
N.C.
No Connection. Not internally connected.
9
14
REG
6V Internal Regulator Output. Bypass with a 0.01µF capacitor to PGND.
10
13
AGND
Analog Ground
11
—
IN-
Negative Input
12
—
IN+
Positive Input
13
12
SS
Soft-Start. Connect a 0.47µF capacitor from SS to GND to enable soft-start feature.
14
11
SHDN
Active-Low Shutdown. Connect
SHDN to GND to disable the device. Connect to
VDD for normal operation.
15
17
G1
Gain-Select Input 1
16
18
G2
Gain-Select Input 2
18
19
FS1
Frequency-Select Input 1
19
20
FS2
Frequency-Select Input 2
27, 28
—
OUT-
Negative Audio Output
29, 30
—
OUT+
Positive Audio Output
—
9
INL-
Left-Channel Negative Input
—
10
INL+
Left-Channel Positive Input
—
15
INR-
Right-Channel Negative Input
—
16
INR+
Right-Channel Positive Input
—
25, 26
OUTR-
Right-Channel Negative Audio Output
—
27, 28
OUTR+
Right-Channel Positive Audio Output
—
29, 30
OUTL-
Left-Channel Negative Audio Output
—
31, 32
OUTL+
Left-Channel Positive Audio Output
—
—
EP
Exposed Paddle. Connect to GND.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com