Electronic Components Datasheet Search
  English  ▼

X  

MAX9713 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX9713
Description  6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9713 Datasheet(HTML) 3 Page - Analog Devices

  MAX9713 Datasheet HTML 1Page - Analog Devices MAX9713 Datasheet HTML 2Page - Analog Devices MAX9713 Datasheet HTML 3Page - Analog Devices MAX9713 Datasheet HTML 4Page - Analog Devices MAX9713 Datasheet HTML 5Page - Analog Devices MAX9713 Datasheet HTML 6Page - Analog Devices MAX9713 Datasheet HTML 7Page - Analog Devices MAX9713 Datasheet HTML 8Page - Analog Devices MAX9713 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
6W, Filterless, Spread-Spectrum
Mono/Stereo Class D Amplifiers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 15V, GND = PGND = 0V, SHDN ≥ VIH, AV = 16dB, CSS = CIN = 0.47µF, CREG = 0.01µF, C1 = 100nF, C2 = 1µF, FS1 = FS2 =
GND (fS = 330kHz), RL connected between OUTL+ and OUTL- and OUTR+ and OUTR-, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RL = 16Ω
8
Output Power
POUT
THD+N = 10%,
f = 1kHz
RL = 8Ω
6
W
Total Harmonic Distortion Plus
Noise
THD+N
fIN = 1kHz, either FFM or SSM, RL = 8Ω,
POUT = 4W
0.07
%
FFM
94
BW = 22Hz to
22kHz
SSM
88
FFM
97
Signal-to-Noise Ratio
SNR
RL = 8Ω, POUT =
4W, f = 1kHz
A-weighted
SSM
91
dB
FS1 = L, FS2 = L
300
335
370
FS1 = L, FS2 = H
460
FS1 = H, FS2 = L
236
Oscillator Frequency
fOSC
FS1 = H, FS2 = H (spread-spectrum mode)
335
kHz
POUT = 5W, fIN = 1kHz, RL = 16Ω
85
Efficiency
η
POUT = 4W, f = 1kHz, RL = 8Ω
75
%
DIGITAL INPUTS (
SHDN, FS_, G_)
VIH
2.5
Input Thresholds
VIL
0.8
V
Input Leakage Current
±1µA
Note 1: All devices are 100% production tested at +25°C. All temperature limits are guaranteed by design.
Note 2: Testing performed with a resistive load in series with an inductor to simulate an actual speaker load. For RL = 8Ω, L = 68µH.
For RL = 16Ω, L = 136µH.
Note 3: PSRR is specified with the amplifier inputs connected to GND through CIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com