Electronic Components Datasheet Search
  English  ▼

X  

MAX9713 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX9713
Description  6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9713 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX9713 Datasheet HTML 4Page - Analog Devices MAX9713 Datasheet HTML 5Page - Analog Devices MAX9713 Datasheet HTML 6Page - Analog Devices MAX9713 Datasheet HTML 7Page - Analog Devices MAX9713 Datasheet HTML 8Page - Analog Devices MAX9713 Datasheet HTML 9Page - Analog Devices MAX9713 Datasheet HTML 10Page - Analog Devices MAX9713 Datasheet HTML 11Page - Analog Devices MAX9713 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Detailed Description
The MAX9713/MAX9714 filterless, Class D audio power
amplifiers feature several improvements to switch-
mode amplifier technology. The MAX9713 is a mono
amplifier, the MAX9714 is a stereo amplifier. These
devices offer Class AB performance with Class D effi-
ciency, while occupying minimal board space. A
unique filterless modulation scheme and spread-spec-
trum switching mode create a compact, flexible, low-
noise, efficient audio power amplifier. The differential
input architecture reduces common-mode noise pick-
up, and can be used without input-coupling capacitors.
The devices can also be configured as a single-ended
input amplifier.
Comparators monitor the device inputs and compare
the complementary input voltages to the triangle wave-
form. The comparators trip when the input magnitude of
the triangle exceeds their corresponding input voltage.
Operating Modes
Fixed-Frequency Modulation (FFM) Mode
The MAX9713/MAX9714 feature three FFM modes with
different switching frequencies (Table 1). In FFM mode,
the frequency spectrum of the Class D output consists of
the fundamental switching frequency and its associated
harmonics (see the Wideband Output Spectrum (FFM
Mode) graph in the Typical Operating Characteristics).
The MAX9713/ MAX9714 allow the switching frequency
to be changed by
±35%, should the frequency of one or
more of the harmonics fall in a sensitive band. This can
be done at any time and not affect audio reproduction.
Spread-Spectrum Modulation (SSM) Mode
The MAX9713/MAX9714 feature a unique spread-spec-
trum mode that flattens the wideband spectral compo-
nents, improving EMI emissions that may be radiated
by the speaker and cables. This mode is enabled by
setting FS1 = FS2 = H. In SSM mode, the switching fre-
quency varies randomly by
±1.7%kHz around the cen-
ter frequency (335kHz). The modulation scheme
remains the same, but the period of the triangle wave-
form changes from cycle to cycle. Instead of a large
amount of spectral energy present at multiples of the
switching frequency, the energy is now spread over a
bandwidth that increases with frequency. Above a few
megahertz, the wideband spectrum looks like white
noise for EMI purposes (Figure 2).
Efficiency
Efficiency of a Class D amplifier is attributed to the
region of operation of the output stage transistors. In a
Class D amplifier, the output transistors act as current-
steering switches and consume negligible additional
power. Any power loss associated with the Class D out-
put stage is mostly due to the I2R loss of the MOSFET
on-resistance, and quiescent current overhead.
The theoretical best efficiency of a linear amplifier is
78%, however that efficiency is only exhibited at peak
output powers. Under normal operating levels (typical
music reproduction levels), efficiency falls below 30%,
whereas the MAX9714 still exhibits >80% efficiencies
under the same conditions (Figure 3).
Shutdown
The MAX9713/MAX9714 have a shutdown mode that
reduces power consumption and extends battery life.
Driving
SHDN low places the device in low-power
(0.2µA) shutdown mode. Connect
SHDN to a logic high
for normal operation.
Click-and-Pop Suppression
The MAX9713/MAX9714 feature comprehensive click-
and-pop suppression that eliminates audible transients
on startup and shutdown. While in shutdown, the H-
bridge is pulled to GND through 300k
Ω. During startup,
6W, Filterless, Spread-Spectrum
Mono/Stereo Class D Amplifiers
8
_______________________________________________________________________________________
Table 1. Operating Modes
FS1
FS2
SWITCHING MODE
(kHz)
L
L
335
L
H
460
H
L
236
H
H
335
±7%
Figure 1. MAX9714 Outputs with No Input Signal Applied
VIN = 0V
OUT-
OUT+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com