Electronic Components Datasheet Search
  English  ▼

X  

MAX9713 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX9713
Description  6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9713 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX9713 Datasheet HTML 8Page - Analog Devices MAX9713 Datasheet HTML 9Page - Analog Devices MAX9713 Datasheet HTML 10Page - Analog Devices MAX9713 Datasheet HTML 11Page - Analog Devices MAX9713 Datasheet HTML 12Page - Analog Devices MAX9713 Datasheet HTML 13Page - Analog Devices MAX9713 Datasheet HTML 14Page - Analog Devices MAX9713 Datasheet HTML 15Page - Analog Devices MAX9713 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
6W, Filterless, Spread-Spectrum
Mono/Stereo Class D Amplifiers
12
______________________________________________________________________________________
MAX9713
0.47µF
IN+
12
11
18
14
15
16
13
10 AGND
9
6
5
19
IN-
FS1
VREG
VREG
VREG
VREG
FS2
G1
G2
SS
REG
0.47µF
MODULATOR
OSCILLATOR
CHARGE PUMP
C1P
C1
0.1µF
25V†
C1N
0.18µF
10V
GAIN
CONTROL
SHUTDOWN
CONTROL
0.01µF
10V
SHDN
H-BRIDGE
OUT+
OUT+
OUT-
OUT-
30
29
28
27
PGND
VDD
VDD
PGND
1
3
421 2223 24
2
10V TO +25V
100µF
25V†
0.1µF
25V†
0.1µF
25V†
C2
1µF
25V†
CHOLD
VDD
7
LOGIC INPUTS SHOWN FOR AV = 16dB (SSM).
†CHOOSE A CAPACITOR VOLTAGE RATING ≥ VDD.
*SYSTEM-LEVEL REQUIREMENT.
VREG
*
Functional Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com