Electronic Components Datasheet Search
  English  ▼

X  

MAX9713 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX9713
Description  6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9713 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX9713 Datasheet HTML 5Page - Analog Devices MAX9713 Datasheet HTML 6Page - Analog Devices MAX9713 Datasheet HTML 7Page - Analog Devices MAX9713 Datasheet HTML 8Page - Analog Devices MAX9713 Datasheet HTML 9Page - Analog Devices MAX9713 Datasheet HTML 10Page - Analog Devices MAX9713 Datasheet HTML 11Page - Analog Devices MAX9713 Datasheet HTML 12Page - Analog Devices MAX9713 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
or power-up, the input amplifiers are muted and an
internal loop sets the modulator bias voltages to the
correct levels, preventing clicks and pops when the H-
bridge is subsequently enabled. Following startup, a
soft-start function gradually un-mutes the input ampli-
fiers. The value of the soft-start capacitor has an impact
on the click/pop levels. For optimum performance, CSS
should be at least 0.18µF.
Mute Function
The MAX9713/MAX9714 feature a clickless/popless
mute mode. When the device is muted, the outputs
stop switching, muting the speaker. Mute only affects
the output state, and does not shut down the device. To
mute the MAX9713/MAX9714, drive SS to GND by
using a MOSFET pulldown (Figure 4). Driving SS to
GND during the power-up/down or shutdown/turn-on
cycle optimizes click-and-pop suppression.
Applications Information
Filterless Operation
Traditional Class D amplifiers require an output filter to
recover the audio signal from the amplifier’s PWM out-
put. The filters add cost, increase the solution size of
the amplifier, and can decrease efficiency. The tradi-
tional PWM scheme uses large differential output
swings (2 ✕ VDD peak-to-peak) and causes large ripple
currents. Any parasitic resistance in the filter compo-
nents results in a loss of power, lowering the efficiency.
The MAX9713/MAX9714 do not require an output filter.
The devices rely on the inherent inductance of the
speaker coil and the natural filtering of both the speak-
er and the human ear to recover the audio component
of the square-wave output. Eliminating the output filter
results in a smaller, less costly, more efficient solution.
Because the frequency of the MAX9713/MAX9714 out-
put is well beyond the bandwidth of most speakers,
voice coil movement due to the square-wave frequency
6W, Filterless, Spread-Spectrum
Mono/Stereo Class D Amplifiers
_______________________________________________________________________________________
9
Figure 3. MAX9714 Efficiency vs. Class AB Efficiency
0
30
20
10
40
50
60
70
80
90
100
02
4
6
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
MAX9714
VDD = 15V
f = 1kHz
RL = 16Ω
CLASS AB
Figure 2. SSM Radiated Emissions
MAX9713/
MAX9714
SS
0.18µF
GPIO
MUTE SIGNAL
Figure 4. MAX9713/MAX9714 Mute Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com