Electronic Components Datasheet Search
  English  ▼

X  

MAX9713 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX9713
Description  6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9713 Datasheet(HTML) 1 Page - Analog Devices

  MAX9713 Datasheet HTML 1Page - Analog Devices MAX9713 Datasheet HTML 2Page - Analog Devices MAX9713 Datasheet HTML 3Page - Analog Devices MAX9713 Datasheet HTML 4Page - Analog Devices MAX9713 Datasheet HTML 5Page - Analog Devices MAX9713 Datasheet HTML 6Page - Analog Devices MAX9713 Datasheet HTML 7Page - Analog Devices MAX9713 Datasheet HTML 8Page - Analog Devices MAX9713 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX9713/MAX9714 mono/stereo Class D audio
power amplifiers provide Class AB amplifier performance
with Class D efficiency, conserving board space and
eliminating the need for a bulky heatsink. Using a Class
D architecture, these devices deliver up to 6W while
offering greater than 85% efficiency. Proprietary and pro-
tected modulation and switching schemes render the tra-
ditional Class D output filter unnecessary.
The MAX9713/MAX9714 offer two modulation schemes:
a fixed-frequency mode (FFM), and a spread-spectrum
mode (SSM) that reduces EMI-radiated emissions due
to the modulation frequency. The device utilizes a fully
differential architecture, a full bridged output, and com-
prehensive click-and-pop suppression.
The MAX9713/MAX9714 feature high 76dB PSRR, low
0.07% THD+N, and SNR in excess of 95dB. Short-cir-
cuit and thermal-overload protection prevent the
devices from being damaged during a fault condition.
The MAX9713 is available in a 32-pin TQFN (5mm x
5mm x 0.8mm) package. The MAX9714 is available in a
32-pin TQFN (7mm x 7mm x 0.8mm) package. Both
devices are specified over the extended -40°C to
+85°C temperature range.
Applications
Features
♦ Filterless Class D Amplifier
♦ Unique Spread-Spectrum Mode Offers 5dB
Emissions Improvement Over Conventional
Methods
♦ Up to 85% Efficient
♦ 6W Output Power into 8Ω
♦ Low 0.07% THD+N
♦ High PSRR (76dB at 1kHz)
♦ 10V to 25V Single-Supply Operation
♦ Differential Inputs Minimize Common-Mode Noise
♦ Pin-Selectable Gain Reduces Component Count
♦ Industry-Leading Integrated Click-and-Pop
Suppression
♦ Low Quiescent Current (18mA)
♦ Low-Power Shutdown Mode (0.2µA)
♦ Short-Circuit and Thermal-Overload Protection
♦ Available in Thermally Efficient, Space-Saving
Packages
32-Pin TQFN (5mm x 5mm x 0.8mm)–MAX9713
32-Pin TQFN (7mm x 7mm x 0.8mm)–MAX9714
6W, Filterless, Spread-Spectrum
Mono/Stereo Class D Amplifiers
________________________________________________________________ Maxim Integrated Products
1
19-3039; Rev 6; 12/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
AMP
MAX9713ETJ+
-40
oC to +85oC
32 TQFN-EP*
Mono
MAX9714ETJ+
-40
oC to +85oC
32 TQFN-EP*
Stereo
*EP = Exposed paddle.
+Denotes lead-free package.
LCD Monitors
LCD TVs
Desktop PCs
LCD Projectors
High-End Notebook
Audio
Hands-Free Car
Phone Adaptors
MAX9714
0.47
μF
INL+
OUTL+
OUTL-
INL-
0.47
μF
H-BRIDGE
0.47
μF
INR+
OUTR+
OUTR-
INR-
0.47
μF
H-BRIDGE
Pin Configurations appear at end of data sheet.
MAX9713
0.47
μF
IN+
OUT+
OUT-
IN-
0.47
μF
H-BRIDGE
Block Diagrams


Similar Part No. - MAX9713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
MAX9713 MAXIM-MAX9713 Datasheet
216Kb / 8P
MAX9713 Evaluation Kit
19-3521; Rev 2; 11/07
MAX9713ETJ MAXIM-MAX9713ETJ Datasheet
508Kb / 18P
6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
MAX9713EVKIT MAXIM-MAX9713EVKIT Datasheet
216Kb / 8P
MAX9713 Evaluation Kit
19-3521; Rev 2; 11/07
MAX9713 MAXIM-MAX9713_07 Datasheet
216Kb / 8P
MAX9713 Evaluation Kit
19-3521; Rev 2; 11/07
More results

Similar Description - MAX9713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703 Datasheet
2Mb / 21P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Rev 7; 3/06
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Lowpower Semiconductor ...
LPA2105 POWER-LPA2105 Datasheet
566Kb / 8P
Filterless 6W Class- D Mono Audio Amplifier
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com