Electronic Components Datasheet Search
  English  ▼

X  

MAX9741 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX9741
Description  12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9741 Datasheet(HTML) 4 Page - Analog Devices

  MAX9741 Datasheet HTML 1Page - Analog Devices MAX9741 Datasheet HTML 2Page - Analog Devices MAX9741 Datasheet HTML 3Page - Analog Devices MAX9741 Datasheet HTML 4Page - Analog Devices MAX9741 Datasheet HTML 5Page - Analog Devices MAX9741 Datasheet HTML 6Page - Analog Devices MAX9741 Datasheet HTML 7Page - Analog Devices MAX9741 Datasheet HTML 8Page - Analog Devices MAX9741 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
12W+12W, Low-EMI, Spread-Spectrum,
Stereo, Class D Amplifier
4
_______________________________________________________________________________________
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
15
10
5
0.1
1
10
0.01
020
RL = 8
Ω
VDD = 24V
VDD = 18V
VDD = 12V
15
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
0.01
0.1
1
10
0
RL = 4
Ω
VDD = 24V
VDD = 18V
VDD = 12V
10
5
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
POUT = 500mW
POUT = 8W
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
POUT = 8W
SSM
FFM
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
6
4
2
8
10
12
14
16
18
20
10
16
13
19
22
25
RL = 8
Ω
RL = 16
Ω
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
15
10
5
0.1
1
10
0.01
020
f = 100Hz
f = 10kHz
f = 1kHz
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
16
12
48
10
20
30
40
50
60
70
80
90
100
0
0
RL = 8
Ω
VDD = 18V
VDD = 12V
VDD = 24V
OUTPUT POWER vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
10
2
4
6
8
10
12
14
16
18
20
0
1
100
THD+N = 10%
THD+N = 1%
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-70
-60
-50
-40
-30
-20
-10
0
-80
10
100k
Typical Operating Characteristics
(VDD = 18V, RL = 8
Ω, fIN = 1kHz, 33µH with 4Ω, 68µH with 8Ω, part in SSM mode, 136µH with 16Ω, measurement BW = 22Hz to
22kHz, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com