Electronic Components Datasheet Search
  English  ▼

X  

MAX9741 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX9741
Description  12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9741 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX9741 Datasheet HTML 4Page - Analog Devices MAX9741 Datasheet HTML 5Page - Analog Devices MAX9741 Datasheet HTML 6Page - Analog Devices MAX9741 Datasheet HTML 7Page - Analog Devices MAX9741 Datasheet HTML 8Page - Analog Devices MAX9741 Datasheet HTML 9Page - Analog Devices MAX9741 Datasheet HTML 10Page - Analog Devices MAX9741 Datasheet HTML 11Page - Analog Devices MAX9741 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Operating Modes
Fixed-Frequency Modulation (FFM) Mode
The MAX9741 features three FFM modes with different
switching frequencies (Table 1). In FFM mode, the fre-
quency spectrum of the Class D output consists of the
fundamental switching frequency and its associated
harmonics (see the Wideband Output Spectrum graph
in the Typical Operating Characteristics). The MAX9741
allows the switching frequency to be changed by
±35%, should the frequency of one or more of the har-
monics fall in a sensitive band. This can be done at any
time and does not affect audio reproduction.
Spread-Spectrum Modulation (SSM) Mode
A unique, proprietary spread-spectrum mode flattens
the wideband spectral components, improving EMI
emissions that may be radiated by the speaker and
cables. This mode is enabled by setting FS1 = FS2 =
H. In SSM mode, the switching frequency varies ran-
domly by ±7% around the center frequency (670kHz).
The modulation scheme remains the same, but the
period of the triangle waveform changes from cycle to
cycle. Instead of a large amount of spectral energy pre-
sent at multiples of the switching frequency, the energy
is now spread over a bandwidth that increases with fre-
quency. Above a few megahertz, the wideband spec-
trum looks like white noise for EMI purposes.
Efficiency
Efficiency of a Class D amplifier is attributed to the region
of operation of the output stage transistors. In a Class D
amplifier, the output transistors act as current-steering
switches and consume negligible additional power.
The theoretical best efficiency of a linear amplifier is
78%; however, that efficiency is only exhibited at peak
output powers. Under normal operating levels (typical
music reproduction levels), efficiency falls below 30%,
whereas the MAX9741 still exhibits > 78% efficiency
under the same conditions (Figure 1).
Shutdown
A shutdown mode reduces power consumption and
extends battery life. Driving SHDN low places the
device in low-power (0.2µA) shutdown mode. Connect
SHDN to a logic-high for normal operation.
Click-and-Pop Suppression
Comprehensive click-and-pop suppression eliminates
audible transients on startup and shutdown. While in
shutdown, the H-bridge is pulled to GND through 320k
Ω.
During startup, or power-up, the input amplifiers are
muted and an internal loop sets the modulator bias volt-
ages to the correct levels, preventing clicks and pops
when the H-bridge is subsequently enabled. Following
startup, a soft-start function gradually unmutes the input
amplifiers. The value of the soft-start capacitor has an
impact on the click/pop levels. For optimum performance,
CSS should be 470nF with a voltage rating of at least 7V.
Mute Function
The MAX9741 features a clickless/popless mute mode.
When the device is muted, the outputs stop switching,
muting the speaker. Mute only affects the output stage
and does not shut down the device. To mute the
MAX9741, drive SS to GND by using a MOSFET pull-
down (Figure 2). Driving SS to GND during the power-
up/down or shutdown/turn-on cycle optimizes
click-and-pop suppression.
12W+12W, Low-EMI, Spread-Spectrum,
Stereo, Class D Amplifier
8
_______________________________________________________________________________________
MAX9741
SS
0.47
µF
GPIO
MUTE SIGNAL
Figure 2. MAX9741 Mute Circuit
Table 1. Operating Modes
FS1
FS2
SWITCHING MODE
(kHz)
LL
670
LH
930
HL
470
HH
670
±7%
Figure 1. MAX9741 Efficiency vs. Class AB Efficiency
0
30
20
10
40
50
60
70
80
90
100
0
6
8
10 12 14 16 18
24
20
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
VDD = 15V
f = 1kHz
RL = 8
Ω
MAX9741
CLASS AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com