Electronic Components Datasheet Search
  English  ▼

X  

MAX9741 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX9741
Description  12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9741 Datasheet(HTML) 3 Page - Analog Devices

  MAX9741 Datasheet HTML 1Page - Analog Devices MAX9741 Datasheet HTML 2Page - Analog Devices MAX9741 Datasheet HTML 3Page - Analog Devices MAX9741 Datasheet HTML 4Page - Analog Devices MAX9741 Datasheet HTML 5Page - Analog Devices MAX9741 Datasheet HTML 6Page - Analog Devices MAX9741 Datasheet HTML 7Page - Analog Devices MAX9741 Datasheet HTML 8Page - Analog Devices MAX9741 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
12W+12W, Low-EMI, Spread-Spectrum,
Stereo, Class D Amplifier
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 18V, GND = PGND = 0V, SHDN
≥ VIH, AV = 16dB, CSS = CIN = 0.47µF, CREG = 0.01µF, C1 = 100nF, C2 = 1µF, FS1 = FS2 =
GND (fS = 670kHz), RL connected between OUTL+ and OUTL- and OUTR+ and OUTR-, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RL = 8
Ω
12
VDD = 18V, THD+N =
10%, f = 1kHz
RL = 4
Ω
6.5
RL = 8
Ω
11
VDD = 24V, THD+N =
10%, f = 1kHz
RL = 4
Ω
5
RL = 8
Ω
8
Continuous Output Power
(Notes 4, 5)
PCONT
VDD = 12V, THD+N =
10%, f = 1kHz
RL = 4
Ω
8.5
W
Total Harmonic Distortion Plus
Noise
THD+N
fIN = 1kHz, either FFM or SSM, RL = 8
Ω,
POUT = 4W
0.1
%
FFM
95.8
Unweighted
SSM
91.8
FFM
99.1
Signal-to-Noise Ratio
SNR
RL = 8
Ω,
POUT = 4W,
f = 1kHz
BW = 22Hz to 22kHz
A-weighted
SSM
95.7
dB
Crosstalk
Left to right, right to left, 8
Ω load, fIN = 10kHz
65
dB
FS1 = L, FS2 = L
560
670
800
FS1 = L, FS2 = H
930
FS1 = H, FS2 = L
470
Oscillator Frequency
fOSC
FS1 = H, FS2 = H (spread-spectrum mode)
670
±7%
kHz
VDD = 12V, RL = 8
Ω, POUT = 8W
78
Efficiency (Note 4)
η
VDD = 18V, RL = 8
Ω, POUT = 10W
78
%
Regulator Output
VREG
6V
DIGITAL INPUTS (
SHDN, FS_, G_)
VIH
2.5
Input Thresholds
VIL
0.8
V
Input Leakage Current
±1µA
Note 2: All devices are 100% production tested at +25°C. All temperature limits are guaranteed by design.
Note 3: PSRR is specified with the amplifier inputs connected to GND through CIN.
Note 4: Testing performed with a resistive load in series with an inductor to simulate an actual speaker load. For RL = 8
Ω, L = 68µH.
For RL = 12
Ω, L = 100µH. For RL = 16Ω, L = 120µH.
Note 5: Output power measured at TA = +25°C, with a soak time of 15 minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com