Electronic Components Datasheet Search
  English  ▼

X  

MAX9741 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX9741
Description  12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9741 Datasheet(HTML) 2 Page - Analog Devices

  MAX9741 Datasheet HTML 1Page - Analog Devices MAX9741 Datasheet HTML 2Page - Analog Devices MAX9741 Datasheet HTML 3Page - Analog Devices MAX9741 Datasheet HTML 4Page - Analog Devices MAX9741 Datasheet HTML 5Page - Analog Devices MAX9741 Datasheet HTML 6Page - Analog Devices MAX9741 Datasheet HTML 7Page - Analog Devices MAX9741 Datasheet HTML 8Page - Analog Devices MAX9741 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
12W+12W, Low-EMI, Spread-Spectrum,
Stereo, Class D Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VDD to PGND, AGND .............................................................30V
OUTR_, OUTL_, C1N..................................-0.3V to (VDD + 0.3V)
C1P............................................(VDD - 0.3V) to (CHOLD + 0.3V)
CHOLD ........................................................(VDD - 0.3V) to +40V
SHDN, FS_, G_ ...........................................................-6.3V to 8V
All Other Pins to GND.............................................-0.3V to +12V
Duration of OUTR_/OUTL_
Short Circuit to GND, VDD ......................................Continuous
Continuous Input Current (VDD, PGND) ..................................2A
Continuous Input Current (all other pins)..........................
±20mA
Thermal Limits (Note 1)
Continuous Power Dissipation (TA = +70°C)
Single-Layer PC Board
56-Pin TQFN (derate 28.6mW/°C above +70°C) ............2.29W
θJA ................................................................................ 35°C/W
θJC............................................................................... 0.6°C/W
Continuous Power Dissipation (TA = +70°C)
Multiple-Layer PC Board
56-Pin TQFN (derate 47.6mW/°C above +70°C) ............3.81W
θJA................................................................................ 21°C/W
θJC............................................................................... 0.6°C/W
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = 18V, GND = PGND = 0V, SHDN
≥ VIH, AV = 16dB, CSS = CIN = 0.47µF, CREG = 0.01µF, C1 = 100nF, C2 = 1µF, FS1 = FS2 =
GND (fS = 670kHz), RL connected between OUTL+ and OUTL- and OUTR+ and OUTR-, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Supply Voltage Range
VDD
Inferred from PSRR test
10
25
V
Quiescent Current
IDD
RL = Open
26
37
mA
Shutdown Current
ISHDN
0.2
1.5
µA
CSS = 470nF
100
Turn-On Time
tON
CSS = 180nF
50
ms
Amplifier Output Resistance in
Shutdown
SHDN = GND
150
320
k
Ω
AV = 13dB
35
53
80
AV = 16dB
30
45
65
AV = 19.1dB
23
36
55
Input Impedance
RIN
AV = 29.6dB
10
14.3
22
k
Ω
G1 = L, G2 = L
29.4
29.6
29.8
G1 = L, G2 = H
18.9
19.1
19.3
G1 = H, G2 = L
12.8
13
13.2
Voltage Gain
AV
G1 = H, G2 = H
15.9
16
16.3
dB
Gain Matching
Between channels
0.5
%
Output Offset Voltage
VOS
±5
±30
mV
Common-Mode Rejection Ratio
CMRR
fIN = 1kHz, input referred
60
dB
VDD = 10V to 25V
48
83
fRIPPLE = 1kHz
80
Power-Supply Rejection Ratio
(Note 3)
PSRR
200mVP-P ripple
fRIPPLE = 20kHz
60
dB
Note 1: Thermal performance of this device is highly dependant on PC board layout. See the Applications Information for more
detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com