Electronic Components Datasheet Search
  English  ▼

X  

MAX9741 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX9741
Description  12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9741 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX9741 Datasheet HTML 8Page - Analog Devices MAX9741 Datasheet HTML 9Page - Analog Devices MAX9741 Datasheet HTML 10Page - Analog Devices MAX9741 Datasheet HTML 11Page - Analog Devices MAX9741 Datasheet HTML 12Page - Analog Devices MAX9741 Datasheet HTML 13Page - Analog Devices MAX9741 Datasheet HTML 14Page - Analog Devices MAX9741 Datasheet HTML 15Page - Analog Devices MAX9741 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
12W+12W, Low-EMI, Spread-Spectrum,
Stereo, Class D Amplifier
______________________________________________________________________________________
13
MAX9741
0.47
µF
LOGIC INPUTS SHOWN FOR AV = 16dB (SSM).
VIN = LOGIC-HIGH > 2.5V.
*CAPACITOR VOLTAGE RATINGS MAY BE REDUCED WHEN
OPERATING WITH REDUCED SUPPLY VOLTAGES.
INL+
17
16
31
18
29
30
20
22 AGND
24
9
8
32
INL-
FS1
VREG
VREG
VREG
VREG
FS2
G1
G2
SS
REG
0.47
µF
MODULATOR
OSCILLATOR
CHARGE PUMP
C1P
C1
0.1
µF
25V
C1N
0.47
µF
VIH
GAIN
CONTROL
SHUTDOWN
CONTROL
0.01
µF
10V
SHDN
H-BRIDGE
OUTL+
OUTL+
OUTL-
OUTL-
54
53
52
51
PGND
VDD
VDD
PGND
25
6
37 3840 41
3
10V TO 25V
33
µF
25V
2.2
µF
25V*
2.2
µF
25V*
C2
1
µF
25V
CHOLD
VDD
10
0.47
µF
INR+
26
27
INR-
0.47
µF
MODULATOR
H-BRIDGE
OUTR+
OUTR+
OUTR-
OUTR-
48
47
46
45
VREG
Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com