Electronic Components Datasheet Search
  English  ▼

X  

MAX9741 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX9741
Description  12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9741 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX9741 Datasheet HTML 3Page - Analog Devices MAX9741 Datasheet HTML 4Page - Analog Devices MAX9741 Datasheet HTML 5Page - Analog Devices MAX9741 Datasheet HTML 6Page - Analog Devices MAX9741 Datasheet HTML 7Page - Analog Devices MAX9741 Datasheet HTML 8Page - Analog Devices MAX9741 Datasheet HTML 9Page - Analog Devices MAX9741 Datasheet HTML 10Page - Analog Devices MAX9741 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
12W+12W, Low-EMI, Spread-Spectrum,
Stereo, Class D Amplifier
_______________________________________________________________________________________
7
Detailed Description
The MAX9741 low-EMI, Class D audio power amplifier
features several improvements to switch-mode amplifi-
er technology. This device offers Class AB perfor-
mance with Class D efficiency, while occupying
minimal board space. A unique modulation scheme
and spread-spectrum switching mode create a com-
pact, flexible, low-noise, efficient audio power amplifier.
The differential input architecture reduces common-
mode noise pickup, and can be used without input-
coupling capacitors. The device can also be
configured as a single-ended input amplifier.
PIN
NAME
FUNCTION
1, 4, 7, 11–15, 19, 21,
23, 25, 28, 33–36, 39,
42, 43, 44, 49, 50, 55, 56
N.C.
No Connection. Not internally connected.
2, 3, 40, 41
PGND
Power Ground
5, 6, 37, 38
VDD
Power-Supply Input
8
C1N
Charge-Pump Flying Capacitor Negative Terminal
9
C1P
Charge-Pump Flying Capacitor Positive Terminal
10
CHOLD
Charge-Pump Hold Capacitor. Connect a 1µF capacitor from CHOLD to VDD.
16
INL-
Left-Channel Negative Input
17
INL+
Left-Channel Positive Input
18
SHDN
Active-Low Shutdown. Connect SHDN to GND to disable the device. Connect to VDD for
normal operation.
20
SS
Soft-Start. Connect a 0.47µF capacitor from SS to GND to enable soft-start feature.
22
AGND
Analog Ground
24
REG
Internal Regulator Output. Bypass with a 0.01µF capacitor to PGND.
26
INR-
Right-Channel Negative Input
27
INR+
Right-Channel Positive Input
29
G1
Gain-Select Input 1
30
G2
Gain-Select Input 2
31
FS1
Frequency-Select Input 1
32
FS2
Frequency-Select Input 2
45, 46
OUTR-
Right-Channel Negative Audio Output
47, 48
OUTR+
Right-Channel Positive Audio Output
51, 52
OUTL-
Left-Channel Negative Audio Output
53, 54
OUTL+
Left-Channel Positive Audio Output
—EP
Exposed Paddle. Connect to GND.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com