Electronic Components Datasheet Search
  English  ▼

X  

LTC6103 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6103
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6103 Datasheet(HTML) 4 Page - Analog Devices

  LTC6103 Datasheet HTML 1Page - Analog Devices LTC6103 Datasheet HTML 2Page - Analog Devices LTC6103 Datasheet HTML 3Page - Analog Devices LTC6103 Datasheet HTML 4Page - Analog Devices LTC6103 Datasheet HTML 5Page - Analog Devices LTC6103 Datasheet HTML 6Page - Analog Devices LTC6103 Datasheet HTML 7Page - Analog Devices LTC6103 Datasheet HTML 8Page - Analog Devices LTC6103 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT6119-1/LT6119-2
4
611912f
For more information www.linear.com/LT6119-1
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 12V, VPULLUP = V+, VLE = 2.7V, RIN = 100Ω,
ROUT = R1 + R2 + R3 = 10k, gain = 100, RC = 25.5k, CL = CLC = 2pF, unless otherwise noted. (See Figure 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Fall Time
0.08
µs
tRESET
Reset Time
0.5
µs
tRPW
Minimum LE Reset Pulse Width
l
2
µs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Input and output pins have ESD diodes connected to ground. The
SENSEHI and SENSELO pins have additional current handling capability
specified as SENSEHI, SENSELO input current.
Note 3: The LT6119I is guaranteed to meet specified performance from
–40°C to 85°C. LT6119H is guaranteed to meet specified performance
from –40°C to 125°C.
Note 4: Supply current is specified with the comparator outputs high.
When the comparator outputs go low the supply current will increase by
75µA typically per comparator.
Note 5: The full-scale input sense voltage and the maximum output
current must be considered to achieve the specified performance.
Note 6: Supply voltage and input common mode voltage are varied while
amplifier input offset voltage is monitored.
Note 7: Specified gain error does not include the effects of external
resistors RIN and ROUT. Although gain error is only guaranteed between
12V and 60V, similar performance is expected for V+ < 12V, as well.
Note 8: Refer to SENSELO, SENSEHI Range in the Applications
Information section for more information.
Note 9: The input threshold voltage which causes the output voltage of the
comparator to transition from high to low is specified. The input voltage
which causes the comparator output to transition from low to high is
the magnitude of the difference between the specified threshold and the
hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com