Electronic Components Datasheet Search
  English  ▼

X  

LTC6103 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6103
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6103 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6103 Datasheet HTML 20Page - Analog Devices LTC6103 Datasheet HTML 21Page - Analog Devices LTC6103 Datasheet HTML 22Page - Analog Devices LTC6103 Datasheet HTML 23Page - Analog Devices LTC6103 Datasheet HTML 24Page - Analog Devices LTC6103 Datasheet HTML 25Page - Analog Devices LTC6103 Datasheet HTML 26Page - Analog Devices LTC6103 Datasheet HTML 27Page - Analog Devices LTC6103 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LT6119-1/LT6119-2
24
611912f
For more information www.linear.com/LT6119-1
applicaTions inForMaTion
Reverse-Supply Protection
The LT6119 is not protected internally from external rever-
sal of supply polarity. To prevent damage that may occur
during this condition, a Schottky diode should be added
in series with V– (Figure 17). This will limit the reverse
current through the LT6119. Note that this diode will limit
the low voltage operation of the LT6119 by effectively
reducing the supply voltage to the part by VD.
Also note that the comparator reference, comparator
output and LE input are referenced to the V– pin. In
order to preserve the precision of the reference and to
avoid driving the comparator inputs below V–, R2 must
connect to the V– pin. This will shift the amplifier output
voltage up by VD. VOUTA can be accurately measured dif-
ferentially across R1 and R2. The comparator output low
voltage will also be shifted up by VD. The LE pin thresh-
old is referenced to the V– pin. In order to provide valid
input levels to the LT6119 and avoid driving LE below
V– the negative supply of the driving circuit should be
tied to V–.
V+
V+
V–
INC
V–
5
VD
+
–
VOUTA
+
–
611912 F17
OUTA 8
9
6
V+
V+
SENSEHI
LT6119-1
RIN
RSENSE
ILOAD
VDD
VDD
SENSELO
OUTC
4
LE
2
1
10
400mV
REFERENCE
R3
R1
R2
VDD
Figure 17. Schottky Prevents Damage During Supply Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com