Electronic Components Datasheet Search
  English  ▼

X  

LTC6103 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC6103
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6103 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC6103 Datasheet HTML 4Page - Analog Devices LTC6103 Datasheet HTML 5Page - Analog Devices LTC6103 Datasheet HTML 6Page - Analog Devices LTC6103 Datasheet HTML 7Page - Analog Devices LTC6103 Datasheet HTML 8Page - Analog Devices LTC6103 Datasheet HTML 9Page - Analog Devices LTC6103 Datasheet HTML 10Page - Analog Devices LTC6103 Datasheet HTML 11Page - Analog Devices LTC6103 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT6119-1/LT6119-2
8
611912f
For more information www.linear.com/LT6119-1
Comparator Rise/Fall Time
vs Pull-Up Resistor
Comparator Step Response
(5mV INC1 Overdrive)
Comparator Step Response
(100mV INC1 Overdrive)
Comparator Reset Response
Comparator Propagation Delay
vs Input Overdrive
Comparator Output Leakage
Current vs Pull-Up Voltage
COMPARATOR OUTPUT PULL-UP VOLTAGE (V)
0
–2
3
8
13
18
23
125°C
10
20
30
40
611912 G27
50
60
–40°C AND 25°C
RC PULL-UP RESISTOR (k)
1
10
100
1000
10000
10
100
1000
611912 G29
RISE TIME
FALL TIME
VOH = 0.9 • VPULLUP
VOL = 0.1 • VPULLUP
100mV INC1 OVERDRIVE
CL = 2pF
VINC
0.5V/DIV
0V
VOUTC
2V/DIV
0V
VLE
5V/DIV
0V
611912 G30
5µs/DIV
0V
VINC
0.5V/DIV
VOUTC
2V/DIV
VLE
5V/DIV
0V
0V
611912 G31
5µs/DIV
0V
VOUTC
5V/DIV
VLE
2V/DIV
0V
5µs/DIV
611912 G32
Performance characteristics taken at TA = 25°C,
V+ = 12V, VPULLUP = V+, VLE = 2.7V, RIN = 100Ω, ROUT = R1 + R2 + R3 = 10k, gain = 100, RC = 25.5k, CL = CLC = 2pF, unless otherwise
noted. (See Figure 3)
Typical perForMance characTerisTics
COMPARATOR INPUT OVERDRIVE (mV)
0
3.0
4.0
5.0
160
611912 G28
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
40
80
120
200
H TO L
L TO H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com