Electronic Components Datasheet Search
  English  ▼

X  

LTC6103 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6103
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6103 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6103 Datasheet HTML 3Page - Analog Devices LTC6103 Datasheet HTML 4Page - Analog Devices LTC6103 Datasheet HTML 5Page - Analog Devices LTC6103 Datasheet HTML 6Page - Analog Devices LTC6103 Datasheet HTML 7Page - Analog Devices LTC6103 Datasheet HTML 8Page - Analog Devices LTC6103 Datasheet HTML 9Page - Analog Devices LTC6103 Datasheet HTML 10Page - Analog Devices LTC6103 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT6119-1/LT6119-2
7
611912f
For more information www.linear.com/LT6119-1
Performance characteristics taken at TA = 25°C,
V+ = 12V, VPULLUP = V+, VLE = 2.7V, RIN = 100Ω, ROUT = R1 + R2 + R3 = 10k, gain = 100, RC = 25.5k, CL = CLC = 2pF, unless otherwise
noted. (See Figure 3)
Hysteresis Distribution
Hysteresis vs Temperature
Hysteresis vs Supply Voltage
Comparator Input Bias Current
vs Input Voltage
Comparator Input Bias Current
vs Input Voltage
Comparator Threshold
Distribution
Comparator Threshold
vs Temperature
LE Current vs Voltage
Comparator Output Low Voltage
vs Output Sink Current
COMPARATOR INPUT VOLTAGE (V)
–20
–10
0
10
–15
–5
5
20
40
611912 G24
60
0
125°C
25°C
–40°C
COMPARATOR INPUT VOLTAGE (V)
–20
–10
0
10
–15
–5
5
0.2
0.4
0.6
0.8
611912 G25
1.0
0
125°C
25°C
–40°C
0
0
0.25
0.50
0.75
1.00
1
IOUTC (mA)
2
611912 G26
3
125°C
25°C
–40°C
Typical perForMance characTerisTics
TEMPERATURE (°C)
–40 –25
398
400
402
50
110
611912 G19
396
394
392
–10 5 20 35
80
65
125
95
404
406
408
5 TYPICAL PARTS
COMPARATOR HYSTERESIS (mV)
3.0
0
5
10
15
20
30
–40°C
25°C
125°C
4.6 6.2 7.7 9.3 10.9 12.5 14.1
610912 G20
15.7 17.3
25
V+ (V)
0
14
12
10
8
6
4
2
0
30
50
611912 G22
10
20
40
60
5 TYPICAL PARTS
LE VOLTAGE (V)
0
–125
–100
–75
–50
–25
25
10
20
30
40
611912 G23
50
60
0
V+ = 12V
COMPARATOR THRESHOLD (mV)
0
5
15
20
25
399.2
404
611912 G18
10
396
397.6
400.8 402.8
TEMPERATURE (°C)
–40
20
18
16
14
12
10
8
6
4
0
2
80
611912 G21
–10
20
50
125
110
65
–25
5
35
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com