Electronic Components Datasheet Search
  English  ▼

X  

LTC6103 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6103
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6103 Datasheet(HTML) 1 Page - Analog Devices

  LTC6103 Datasheet HTML 1Page - Analog Devices LTC6103 Datasheet HTML 2Page - Analog Devices LTC6103 Datasheet HTML 3Page - Analog Devices LTC6103 Datasheet HTML 4Page - Analog Devices LTC6103 Datasheet HTML 5Page - Analog Devices LTC6103 Datasheet HTML 6Page - Analog Devices LTC6103 Datasheet HTML 7Page - Analog Devices LTC6103 Datasheet HTML 8Page - Analog Devices LTC6103 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT6119-1/LT6119-2
1
611912f
For more information www.linear.com/LT6119-1
Typical applicaTion
FeaTures
DescripTion
Current Sense Amplifier,
Reference and Comparators
with POR
The LT®6119 is a complete high side current sense device
that incorporates a precision current sense amplifier, an
integratedvoltagereferenceandtwolatchingcomparators.
Two versions of the LT6119 are available. The LT6119-1
has the comparators connected in opposing polarity and
the LT6119-2 has the comparators connected in the same
polarity.Thecomparatorlatchfunctionalitycanbeenabled
ordisabledandthecomparatorscanbeconfiguredtoreset
upon power-on. The input and the open-drain outputs of
the comparators are independent from the current sense
amplifier. The comparator trip points and amplifier gain
are configured with external resistors.
The overall propagation delay of the LT6119 is typically
only 1.4µs, allowing for quick reaction to overcurrent and
undercurrent conditions. The 1MHz bandwidth allows the
LT6119 to be used for error detection in critical applica-
tions such as motor control. The high threshold accuracy
of the comparators, combined with the ability to latch
both comparators, ensures the LT6119 can capture high
speed events.
The LT6119 is fully specified for operation from –40°C
to 125°C, making it suitable for industrial and automo-
tive applications. The LT6119 is available in a small
10-lead MSOP.
Fast Acting Fault Protection with Power-On Reset and Early Warning
applicaTions
n
Current Sense Amplifier
– Fast Step Response: 500ns
– Low Offset Voltage: 200µV Maximum
– Low Gain Error: 0.2% Maximum
n
Internal 400mV Precision Reference
n
Internal Latching Comparators
– Power-On Reset Capability
– Fast Response Time: 500ns
– Total Threshold Error: ±1.25% Maximum
– Two Comparator Polarity Options
n
Wide Supply Range: 2.7V to 60V
n
Supply Current: 550µA
n
Specified for –40°C to 125°C Temperature Range
n
Available in 10-Lead MSOP Package
n
Overcurrent, Undercurrent and Fault Detection
n
Current Shunt Measurement
n
Battery Monitoring
n
Motor Control
n
Automotive Monitoring and Control
n
Industrial Control
L
, LT, LTC, LTM, TimerBlox, Linear Technology and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
Response to Overcurrent Event
SENSEHI SENSELO
OUTA
LT6119-2
INC2
INC1
2N2700
100mA WARNING
250mA DISCONNECT
*CMH25234B
V+
LE
OUTC1
OUTC2
V–
0.1
IRF9640
3.3V
6.2V*
12V
100
6.04k
100k
1.62k
10k
1k
1k
0.1µF
VOUT
2.37k
1.6k
611912 TA01a
TO LOAD
24.9k
100nF
5µs/DIV
VLOAD
10V/DIV
VOUTC1
5V/DIV
ILOAD
200mA/DIV
0V
0V
VOUTC2
5V/DIV 0V
0mA
611912 TA01b
250mA DISCONNECT
100mA WARNING


Similar Part No. - LTC6103

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
LTC6103 LINER-LTC6103 Datasheet
244Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
LTC6103 LINER-LTC6103 Datasheet
940Kb / 24P
High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6103 AD-LTC6103 Datasheet
1Mb / 14P
36V Low Cost High Side Current Sense in a SOT-23
Rev. C
LTC6103 AD-LTC6103 Datasheet
347Kb / 14P
High Temperature High Side Current Sense Amp in SOT-23
REV C
More results

Similar Description - LTC6103

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
2Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
MAX34406 MAXIM-MAX34406_12 Datasheet
1Mb / 11P
Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
logo
Linear Technology
LT6118 LINER-LT6118_15 Datasheet
349Kb / 24P
Current Sense Amplifier, Reference and Comparator with POR
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6109-1 LINER-LT6109-1_15 Datasheet
323Kb / 28P
High Side Current Sense Amplifier with Reference and Comparators
LT6109-2 LINER-LT6109-2_15 Datasheet
323Kb / 28P
High Side Current Sense Amplifier with Reference and Comparators
LT6118 LINER-LT6118 Datasheet
218Kb / 6P
High Side Current Sense Amplifier with Reference and Comparator with POR Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com