Electronic Components Datasheet Search
  English  ▼

X  

LTC6103 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC6103
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6103 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC6103 Datasheet HTML 18Page - Analog Devices LTC6103 Datasheet HTML 19Page - Analog Devices LTC6103 Datasheet HTML 20Page - Analog Devices LTC6103 Datasheet HTML 21Page - Analog Devices LTC6103 Datasheet HTML 22Page - Analog Devices LTC6103 Datasheet HTML 23Page - Analog Devices LTC6103 Datasheet HTML 24Page - Analog Devices LTC6103 Datasheet HTML 25Page - Analog Devices LTC6103 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT6119-1/LT6119-2
22
611912f
For more information www.linear.com/LT6119-1
R1 should be chosen such that R1 >> R6 so that VOUTA
does not change significantly when the comparator
trips.
R3 should be chosen to allow sufficient VOL and compara-
tor output rise time due to capacitive loading.
R2 can be calculated:
R2
=
R1• V+ – 400mV
(
)– V
HYS(EXTRA) • R3
(
)
VHYS(EXTRA)
For very large values of R2 PCB related leakage may
become an issue. A tee network can be implemented to
reduce the required resistor values.
The approximate total hysteresis will be:
VHYS =10mV+R1•
V+ – 400mV
R2
+R3


For example, to achieve IUNDER = 100µA with 50mV of
total hysteresis, R6 = 3.57k. Choosing R1 = 35.7k, R3 =
10k and V+ = 5V results in R2 = 4.12M.
The analog output voltage will also be affected when the
comparator trips due to the current injected into R6 by
the positive feedback. Because of this, it is desirable to
applicaTions inForMaTion
have (R1 + R2 + R3) >> R6. The maximum VOUTA error
caused by this can be calculated as:
∆VOUTA = V+ •
R6
R1
+R2+R3+R6


In the previous example, this is an error of 4.3mV at the
output of the amplifier or 43µV at the input of the amplifier
assuming a gain of 100.
When using the comparators with their inputs decoupled
fromtheoutputoftheamplifier,theymaybedrivendirectly
by a voltage source. It is useful to know the threshold
voltage equations with the additional hysteresis. The input
fallingedgethresholdwhichcausestheoutputtotransition
from high to low is:
VTH(F) = 400mV •R1•
1
R1
+
1
R2
+R3


–
V+ • R1
R2
+R3


The input rising edge threshold which causes the output
to transition from low to high is:
VTH(R) = 410mV • R1•
1
R1
+
1
R2


Figure 16 shows how to add additional hysteresis to an
inverting comparator.
Figure 16. Inverting Comparator with Added Hysteresis
V+
V+
V–
INC1
V–
5
611912 F16
OUTA 8
9
6
V+
V+
SENSEHI
LT6119-1
RIN
RSENSE
ILOAD
V+
SENSELO
OUTC1
4
1
10
400mV
REFERENCE
R3
R6
R7
R1 VTH
R2
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com