Electronic Components Datasheet Search
  English  ▼

X  

LTC6754ISC6#TRMPBF Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6754ISC6#TRMPBF
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6754ISC6#TRMPBF Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6754ISC6#TRMPBF Datasheet HTML 3Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 4Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 5Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 6Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 7Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 8Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 9Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 10Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC6754
7
6754f
For more information www.linear.com/LTC6754
Typical perForMance characTerisTics
Input Offset and Hysteresis vs
Temperature, VCCI = VCCO = 2.5V
Input Offset, Hysteresis vs
Input Common Mode Voltage
Input Bias Current vs Differential
Voltage, VCC = 5.0V
Input Bias Current vs Common
Mode Voltage
Output Common Mode Voltage vs
Supply Voltage
Output Common Mode Voltage
vs Temperature
Input Offset and Hysteresis vs
Supply Voltage, VCM = 0.3V
Input Offset and Hysteresis vs
Supply Voltage, VCM = VCC – 0.3V
Input Offset and Hysteresis vs
Temperature, VCCI = VCCO = 5.0V
VCCI = VCCO = 5.0V, RL = 100Ω,
VOVERDRIVE = 50mV, VCM = 300mV, unless otherwise noted.
TOTAL SUPPLY VOLTAGE (V)
2.4000
3.1125
3.8250
4.5375
5.2500
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage, VCM = 0.3V
Input Offset and Hysteresis vs
6754 G01
HYSTERESIS
OFFSET
HYSTERESIS
OFFSET
TOTAL SUPPLY VOLTAGE (V)
2.4000
3.1125
3.8250
4.5375
5.2500
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Supply Voltage, VCM = VCCI– 0.3V
Input Offset and Hysteresis vs
6754 G02
HYSTERESIS
OFFSET
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–2
–1
0
1
2
3
4
5
6
7
8
6754 G03
HYSTERESIS
OFFSET
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–2
–1
0
1
2
3
4
5
6
7
8
6754 G04
HYSTERESIS
OFFSET
INPUT COMMON MODE VOLTAGE (V)
–0.2 0.3 0.9 1.4 1.9 2.5 3.0 3.5 4.0 4.6 5.1
–2.0
–1.0
0
1.0
2.0
3.0
4.0
5.0
6.0
Input Common Mode Voltage
Input Offset, Hysteresis vs
6754 G05
TOTAL SUPPLY VOLTAGE (V)
2.4000
3.1125
3.8250
4.5375
5.2500
1.240
1.244
1.248
1.252
1.256
1.260
1.264
1.268
1.272
1.276
1.280
Supply Voltage
Output Common Mode Voltage vs
6754 G08
VCCI = VCCO = 5.0V
VCCI = VCCO = 2.5V
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
1.2450
1.2485
1.2520
1.2555
1.2590
1.2625
1.2660
1.2695
1.2730
1.2765
1.2800
6754 G09
+IN
–IN
INPUT DIFFERENTIAL VOLTAGE (V)
–5.4 –4.3 –3.2 –2.2 –1.1 0.0 1.1 2.2 3.2 4.3 5.4
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
6754 G06
INPUT DIFFERENTIAL VOLTAGE (V)
–0.2 0.3 0.9 1.4 1.9 2.5 3.0 3.5 4.0 4.6 5.1
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
6754 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com