Electronic Components Datasheet Search
  English  ▼

X  

LTC6754ISC6#TRMPBF Datasheet(PDF) 17 Page - Analog Devices

Part # LTC6754ISC6#TRMPBF
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6754ISC6#TRMPBF Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC6754ISC6#TRMPBF Datasheet HTML 13Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 14Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 15Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 16Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 17Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 18Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 19Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 20Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LTC6754
17
6754f
For more information www.linear.com/LTC6754
Typical applicaTions
Optical Receiver Circuit
The LTC6754, along with a high speed high performance
FET input operational amplifier like the LTC6268-10, can be
usedtoimplementanopticalreceiverasshowninFigure 11.
Figure 12 shows the output of the LTC6268-10 driving
the +IN pin of the LTC6754 and the LTC6754 outputs. The
photodiode is being driven by a pulsed laser.
100
5V
5V
49.9
14k
LTC6268-10
CF
0.05pF
ACCY-P 04021JR05PBS
6754 F11
–
+
VCCI
LTC6754
VCCO
VEE
LE/HYST
SHDN
SHDN
Q
Q
VREF2 = 1.5V
VREF1 = 1V
V–
1k
1nF
10nF
1nF
10nF
INPUT
CD
3.3nF
630V
GRM31BR72J332KW01L
2.5pF
AVALANCHE
PHOTODIODE
LASER
SOURCE
HIGH VOLTAGE
REGULATOR
Figure 11. Optical Receiver Circuit
Q
Q
5ns/DIV
LTC6754
OUTPUTS
200mV/DIV
LTC6754
POSITIVE INPUT
500mV/DIV
6754 F12
Figure 12. Optical Receiver with LVDS Output
showsaplotofthephasedifferencebetweentheoutputand
input, normalized to the phase difference for an 800mVP-P
signal,versusinputamplitude.Thephasedifferenceacross
a 16.47dB span (120mVP-P to 800mVP-P) is only 3.06°.
High Performance Sine Wave to LVDS Converter with
Low Phase Shift over Amplitude
The LTC6754 can be used to convert low level sine waves
to full scale LVDS signals as in Figure 13. The amplitude of
the incoming sinusoidal signal was varied from 100mVP-P
to 800mVP-P, with the frequency being 50MHz. Figure 14
VCCI = 2.7V
VCCO = 2.7V
–
+
Q
100
Q
6754 F13
SINE WAVE
INPUT
VEE = 0.3V
+IN
–IN
LTC6754
50
Figure 13. High Performance Sine Wave to LVDS Converter
INPUT AMPLITUDE (mVP–P)
100 170 240 310 380 450 520 590 660 730 800
–0.50
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
6754 F14
Figure 14. Phase Difference Between the Output and Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com