Electronic Components Datasheet Search
  English  ▼

X  

LTC6754ISC6#TRMPBF Datasheet(PDF) 18 Page - Analog Devices

Part # LTC6754ISC6#TRMPBF
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6754ISC6#TRMPBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC6754ISC6#TRMPBF Datasheet HTML 14Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 15Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 16Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 17Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 18Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 19Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 20Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 21Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTC6754
18
6754f
For more information www.linear.com/LTC6754
Both the cable driver and LVDS receiver are implemented
using LTC6754's. Figure 18 shows the input clock signal
to the cable driver and the outputs of the receiver.
Logic Clock Source to LVDS Cable Driver and Receiver
Figure 17 shows a 250MHz 1.8V logic clock signal being
driven across 8 feet of differential Cat6 cable to generate
a 250MHz LVDS clock signal at the receiver end.
100
100
–
+
3V
6754 F11
VCCI
LTC6754
VCCO
VEE
Q
Q
+IN
–IN
49.9
49.9
49.9
–
+
3V
6754 F11
VCCI
LTC6754
VCCO
VEE
Q
Q
VREF
= 450mV
+IN
–IN
RJ45
RJ45
1.8V
CLOCK
SOURCE
CAT6 CABLE 8ft
250MHz
(DRIVER)
(RECEIVER)
DRIVER
INPUT
Figure 17. Logic Clock Source to LVDS Cable Driver and Receiver
1.25ns/DIV
Q
Q
RECEIVER OUTPUTS
VOCM = 1.25V
100mV/DIV
DRIVER INPUT
1V/DIV
0V
6754 F18
Figure 18. LVDS Receiver Output, 250MHz
Typical applicaTions
Common Mode Rejecting Line Receiver
Differential electrical signals being transmitted over long
cables are often attenuated. Electrical noise on the cables
can take the form of common mode signals.
The LTC6754 comparators can be used to retrieve attenu-
ated differential signals that have been corrupted by high
frequency common mode noise, as shown in Figure 15.
Figure 16 shows the inputs and outputs of an LTC6754
retrieving a 300MHz, 140mVP–P differential input signal
that has 1.3V of random, common mode noise superim-
posed on it. The supply used was 3.0V (VCCI and VCCO).
A small amount of modulation is seen at the output due
to a small amount of differential modulation at the inputs,
whichcausescycletocyclevariationsinpropagationdelay.
VCCI
VCCO
–
+
Q
100
Q
6754 T01a
SMALL DIFFERENTIAL SIGNAL WITH
LARGE COMMON MODE COMPONENT
VEE
+IN
–IN
LTC6754
Figure 15. Common Mode Rejecting Line Receiver
20ns/DIV
Q – Q
100mV/DIV
0mV
+IN, –IN
200mV/DIV
700mV
6754 F16
–IN
Q – Q
+IN
Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com