Electronic Components Datasheet Search
  English  ▼

X  

LTC6754ISC6#TRMPBF Datasheet(PDF) 22 Page - Analog Devices

Part # LTC6754ISC6#TRMPBF
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6754ISC6#TRMPBF Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC6754ISC6#TRMPBF Datasheet HTML 14Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 15Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 16Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 17Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 18Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 19Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 20Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 21Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC6754
22
6754f
For more information www.linear.com/LTC6754
LINEAR TECHNOLOGY CORPORATION 2015
LT 0815 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC6754
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
High Speed Comparators
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
2.9ns 280MHz CMOS Output Comparators
RR Inputs. Can drive 1.8V logic directly
(LTC6752-2/LTC6752-3/LTC6752-4)
LT1715
4ns 150MHz Dual Comparators
4.6mA at 3V
LT1720/LT1721
Dual/Quad 4.5ns Single Supply Comparators
4mA/Comparator
LT1711
High Speed Rail-to-Rail Comparators
3V/5V/±5V, 4.5ns at 20mV Overdrive
LT1116
12ns Single Supply Ground Sensing Comparator
Inputs Can Exceed Positive Supply Up to 15V Without Damaging Device
Clock Buffers/Logic Converters
LTC6957-1/LTC6957-2/
LTC6957-3/LTC6957-4
Low Phase Noise, Dual Output
Buffer/Driver/Logic Converter
LVPECL/LVDS/CMOS Outputs, Additive Jitter 45 fsRMS
High Speed Operational Amplifiers
LTC6252/LTC6253/
LTC6254
Single/Dual/Quad 3.5mA 720 MHz
280V/μs, 2.75nV/√Hz, Rail-to-Rail I/O
LTC6268/LTC6269
Single/Dual 500MHz Ultra Low Bias Current
RR Outputs
LTC6268-10/LTC6269-10 Single/Dual 4GHz Ultra Low Bias Current
RR Outputs, Gain of 10 Stable
LTC6246/LTC6247/
LTC6248
Single/Dual/Quad 1mA, 180MHz
90V/μs, 4.2nV/√Hz,Rail-to-Rail I/O
15 Bit PRBS 250Mbps Logic Signal to LVDS Converter Eye Diagram Test Setup
16.7
16.7
1GHz
BY 4
VCCI V
CCO
SAMPLING
OSCILLOSCOPE
3.3V
3.3V
3.3V
6754 TA02a
40mA
200
VEE
FUNCTION =
CH1 – CH2
LTC6754
FPGA
250Mbps
15bit PRBS
–
+
Q
Q
LTC6754
6in COAX
6in COAX
100
TRGR
CH1
CH2
200
40mA
LTC2000
+IN
–IN
1k
1k
2ns/DIV
DIFFERENTIAL
OUTPUT
200 mV/DIV
6754 TA02b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com