Electronic Components Datasheet Search
  English  ▼

X  

LTC6754ISC6#TRMPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LTC6754ISC6#TRMPBF
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6754ISC6#TRMPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC6754ISC6#TRMPBF Datasheet HTML 14Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 15Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 16Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 17Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 18Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 19Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 20Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 21Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LTC6754
19
6754f
For more information www.linear.com/LTC6754
Short Pulse to Differential Cable Driver and CMOS
Output Receiver
Figure 19 shows a low amplitude short duration pulse
being transmitted over 8 feet of Cat6 differential cable and
converted to a full level CMOS output signal. The pulse
is applied to the input of an LTC6754. A 150Ω resistor is
used along with the 1pF input capacitance of the LTC6754
to limit the rise time at the positive input of the LTC6754,
in order to minimize coupling between the input and other
nodes in the system.
The LTC6754 is used to drive 8 feet of cable terminated
in a 100Ω resistive load at the inputs of an LTC6752-2,
whichgeneratesafullscaleCMOSlogicsignalatitsoutput.
Typical applicaTions
50
50
CMOS
OUTPUT
0.1µF
–
+
3V
6754 F19
VCC
LTC6752-2
VDD
VEE
+IN
–IN
150
–
+
3V
6754 F11
VCCI
LTC6754
VCCO
VEE
Q
Q
VREF = 200mV
+IN
–IN
RJ45
RJ45
5ns
0V
CAT6 CABLE 8ft
PULSE INPUT
400mV
DIFFERENTIAL
PULSE TRANSMITTER
Q
Figure 19. Short Pulse to Differential Cable Driver and CMOS Output Receiver
2ns/DIV
PULSE INPUT
200mV/DIV
0V
CMOS OUTPUT
1V/DIV
0V
6754 F20
Figure 20. Pulse Input and Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com