Electronic Components Datasheet Search
  English  ▼

X  

LTC6754ISC6#TRMPBF Datasheet(PDF) 12 Page - Analog Devices

Part # LTC6754ISC6#TRMPBF
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6754ISC6#TRMPBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC6754ISC6#TRMPBF Datasheet HTML 8Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 9Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 10Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 11Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 12Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 13Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 14Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 15Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTC6754
12
6754f
For more information www.linear.com/LTC6754
applicaTions inForMaTion
Input Protection
The input stage is protected against damage from condi-
tions where the voltage on either pin exceeds the supply
voltage (VEE to VCCI) without external protection. External
input protection circuitry is only needed if input currents
can exceed the absolute maximum rating. For example,
if an input is taken beyond 300mV of either the positive
or negative supply, an internal ESD protection diode will
conduct and an external series resistor should be used to
limit the current to less than 10mA.
Outputs
The LTC6754 has been designed for driving a 100Ω load
connected between the output pins to standard LVDS
levels, with a differential output voltage of 360mV and a
commonmodevoltageof1.26V,asdescribedintheCircuit
Description Section. See the section on High Speed Board
Design Techniques for information on connecting the load
to the output pins. The outputs should not be used as
CMOS or TTL level outputs, and should not be used for
sourcing or sinking excessive load currents.
ESD
The LTC6754 has reverse-biased ESD protection diodes
on pins as shown in Figure 1.
There are additional clamps between the positive and
negative supplies that further protect the device during
ESD strikes. Hot-plugging of the device into a powered
socketisnotrecommendedsincethiscantriggertheclamp
resultinginlargecurrentsflowingbetweenthesupplypins.
Hysteresis
Comparators have very high open-loop gain. With slow
input signals that are close to each other, input noise can
cause the output voltage to switch randomly. Hysteresis
is positive feedback that increases the trip point in the
direction of the input signal transition when the output
switches. This pulls the inputs away from each other, and
prevents continuous switching back and forth. The addi-
tion of positive feedback also has the effect of making the
small signal gain infinite around the trip points. Hysteresis
is designed into most comparators and the LTC6754 has
adjustable hysteresis with a default hysteresis of 4.5mV.
The input-output transfer characteristic is illustrated in
Figure 3 showing the definitions of VOS and HYST based
upon the two measurable trip points.
In some cases, additional noise immunity is required
above what is provided by the nominal 4.5mV hysteresis.
Conversely, when processing small or fast differential
signals, hysteresis may need to be eliminated.
VOH
VOL
0
VOS =
6754 F03
VOUT
VOS
VTRIP+
VHYST
(= VTRIP+ – VTRIP–)
∆VIN = VIN+ – VIN–
VTRIP+ + VTRIP–
2
VTRIP–
FOR VTRIP+ = 3mV,
VTRIP– = –2mV,
VOS = 0.5mV,
VHYST = 5mV
Figure 3.
The LTC6754UD (QFN package) provides a hysteresis
pin, LE/HYST, that can be used to increase the internal
hysteresis, completely remove it, or enable the output
to latch. The internal hysteresis is disabled when the LE/
HYST pin voltage is above 1.7V. Although eliminating
hysteresis does reduce the voltage gain of the compara-
tor to a finite value, in many cases it will be high enough
(typically 450V/V) to amplify small input signals to valid
LVDS levels. The output will latch when the LE/HYST pin
voltage is below 0.4V. The internal hysteresis will increase
as the voltage of the pin is adjusted downward from its
default open circuit value of 1.25V to 800mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com