Electronic Components Datasheet Search
  English  ▼

X  

OPA818DBVT Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA818DBVT
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA818DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA818DBVT Datasheet HTML 17Page - Texas Instruments OPA818DBVT Datasheet HTML 18Page - Texas Instruments OPA818DBVT Datasheet HTML 19Page - Texas Instruments OPA818DBVT Datasheet HTML 20Page - Texas Instruments OPA818DBVT Datasheet HTML 21Page - Texas Instruments OPA818DBVT Datasheet HTML 22Page - Texas Instruments OPA818DBVT Datasheet HTML 23Page - Texas Instruments OPA818DBVT Datasheet HTML 24Page - Texas Instruments OPA818DBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
With a 2.7-GHz GBWP, the OPA818 is an excellent choice for the design requirements. A challenge with the
calculated component results is practically realizing a 0.092-pF capacitor. Such a small capacitor is realized by
using a capacitive tee network formed by C1, C2, and CT (see Figure 8-3). The equivalent capacitance, CEQ, of
the tee network is given by Equation 2:
CEQ =  C1 × C2
C1 + C2 + CT
(2)
The tee network forms a capacitive attenuator from input to output with C1 and CT, and from output to input
with C2 and CT. With the value of CT being higher than C1 or C2, only a fraction of the output signal is seen by
C1. This network results in a much smaller shunting current provided to the input through C1, and this reduced
shunting current effect is equivalent to how a much smaller capacitor behaves. At a fixed frequency, a smaller
capacitor has a higher impedance, and thus reduced current. Keep the same level of attenuation from input to
output, and vice versa. To find the appropriate capacitor values for the tee network, chose an arbitrarily low but
practically realizable and equal values for capacitors C1 and C2, set CEQ = CTOT, and use Equation 3 to get the
value of the tunable capacitor, CT. The values of capacitors C1, C2, and CT in Figure 8-3 are determined using
this process.
CEQ = C1 × C2 – C1 + C2 × CEQ 
CEQ
(3)
Figure 8-4 shows the TINA-TI™ simulation software closed-loop bandwidth response of the circuit in Figure
8-3. The circuit is designed for f–3dB = 24 MHz and the simulated closed-loop 3-dB frequency is 24.6 MHz
with approximately 0.1
‑dB peaking. The OPA818 TINA-TI software model models the input common-mode and
differential capacitors that are not added externally when simulating in the TINA-TI software. Figure 8-5 shows
the noise simulation of the TIA circuit. The output-referred voltage noise shows on the Y-axis to the left. The
input-referred current noise, which is essentially output-referred voltage noise divided by the transimpedance
gain of 100k, shows on the secondary Y-axis to the right. The simulation results are fairly accurate because
the OPA818 TINA-TI software model closely models the voltage and current noise performance of the amplifier.
The flat-band output voltage noise is 41 nV/√Hz that is equivalent to 0.41 pA/√Hz of input-referred current noise.
The noise in relatively low frequency region where the noise gain of the amplifier is 1 V/V is dominated by
the thermal noise of the 100
‑kΩ resistor (40.7 nV/√Hz at 27°C). At mid-frequencies beyond the zero formed by
RF and CTOT, the noise gain of the amplifier amplifies the voltage noise of the amplifier. The amplifier noise
starts to become the dominant noise contributor from this frequency onward, before the output noise starts to
roll off at frequencies beyond the 3-dB closed-loop bandwidth. When looking at the integrated root-mean-square
(RMS) noise, mid-frequency noise is potentially a significant contributor. Therefore, use a 2.2-nV/√Hz low-noise
amplifier, such as the OPA818, to minimize total RMS noise in the system.
8.2.1.3 Application Curves
Frequency (Hz)
95
95.5
96
96.5
97
97.5
98
98.5
99
99.5
100
100.5
1M
10M
D103
Figure 8-4. Simulated Closed-Loop Bandwidth of
the TIA
Frequency (Hz)
10
0.1
20
0.2
30
0.3
50
0.5
70
0.7
100
1
200
2
300
3
500
5
700
7
1000
10
10
100
1k
10k
100k
1M
10M
100M
D104
Figure 8-5. Simulated TIA Noise
www.ti.com
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com