Electronic Components Datasheet Search
  English  ▼

X  

OPA818DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA818DBVT
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA818DBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA818DBVT Datasheet HTML 1Page - Texas Instruments OPA818DBVT Datasheet HTML 2Page - Texas Instruments OPA818DBVT Datasheet HTML 3Page - Texas Instruments OPA818DBVT Datasheet HTML 4Page - Texas Instruments OPA818DBVT Datasheet HTML 5Page - Texas Instruments OPA818DBVT Datasheet HTML 6Page - Texas Instruments OPA818DBVT Datasheet HTML 7Page - Texas Instruments OPA818DBVT Datasheet HTML 8Page - Texas Instruments OPA818DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
5 Pin Configuration and Functions
1
2
3
4
8
7
6
5
+
PD
FB
IN
IN+
VS+
VS
NC
OUT
Figure 5-1. DRG Package, 8-Pin WSON With
Thermal Pad (Top View)
1
2
3
4
OUT
VS-
VS+
IN+
IN-
5
Figure 5-2. DBV Package, 5-Pin SOT-23 (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
DRG
(WSON)
DBV
(SOT-23)
FB
2
—
Output
Feedback resistor connection (optional)
IN–
3
4
Input
Inverting input
IN+
4
3
Input
Noninverting input
NC
6
—
—
No connect (no internal connection to die)
OUT
7
1
Output
Output of amplifier
PD
1
—
Input
Power down (low = enable, high = disable). Internal 1MΩ pullup allows floating this
pin.
VS–
5
2
Power
Negative power supply
VS+
8
5
Power
Positive power supply
Thermal pad
Thermal
pad
—
—
Electrically isolated from the die substrate, but ESD diodes down-bonded to the
thermal pad. Recommended connection to a heat-spreading plane, typically ground.
www.ti.com
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com