Electronic Components Datasheet Search
  English  ▼

X  

OPA818DBVT Datasheet(PDF) 23 Page - Texas Instruments

Part # OPA818DBVT
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA818DBVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA818DBVT Datasheet HTML 19Page - Texas Instruments OPA818DBVT Datasheet HTML 20Page - Texas Instruments OPA818DBVT Datasheet HTML 21Page - Texas Instruments OPA818DBVT Datasheet HTML 22Page - Texas Instruments OPA818DBVT Datasheet HTML 23Page - Texas Instruments OPA818DBVT Datasheet HTML 24Page - Texas Instruments OPA818DBVT Datasheet HTML 25Page - Texas Instruments OPA818DBVT Datasheet HTML 26Page - Texas Instruments OPA818DBVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
8.3 Power Supply Recommendations
The OPA818 is intended for operation on supplies from 6 V (+4/–2 V) to 12 V (±6 V). The OPA818 supports
single-supply, split, as well as balanced and unbalanced bipolar supplies. When operating at supplies less than
8 V, the midsupply is allowed to be outside the input common-mode range of the amplifier. Under these supply
conditions, bias the common-mode voltage appropriately for linear operation. Thus, the limit to lower-supply-
voltage operation is the useable input voltage range for the JFET-input stage. Operating from a single supply of
12 V has numerous advantages. With the negative supply at ground, the dc errors due to the –PSRR term are
minimized. Typically, ac performance improves slightly at 12-V operation with minimal increase in supply current.
8.4 Layout
8.4.1 Layout Guidelines
Achieving optimized performance with a high-frequency amplifier such as the OPA818 requires careful attention
to board layout parasitics and external component types. Recommendations that help optimize performance
include:
1. Minimize parasitic capacitance to any ac ground for all of the signal I/O pins. Parasitic capacitance
on the output and inverting input pins potentially causes instability. On the noninverting input, parasitic
capacitance potentially reacts with the source impedance to cause unintentional band limiting. Ground and
power metal planes act as one of the plates of a capacitor while the signal trace metal acts as the other
separated by PCB dielectric. To reduce this unwanted capacitance, a plane cutout around and underneath
the signal I/O pins on all ground and power planes is recommended. Otherwise, leave the ground and power
planes unbroken elsewhere on the board. When configuring the amplifier as a TIA, if the required feedback
capacitor is less than 0.15 pF, consider using two series resistors, each of half the value of a single resistor
in the feedback loop to minimize the parasitic capacitance from the resistor.
2. Minimize the distance (less than 0.25-in) from the power-supply pins to high-frequency decoupling
capacitors. Use high-quality, 100-pF to 0.1-µF, C0G and NPO-type decoupling capacitors with voltage
ratings at least three times greater than the amplifiers maximum power supplies. This requirement provides
a low-impedance path to the amplifier power-supply pins across the amplifier gain bandwidth specification.
At the device pins, do not allow the ground and power plane layout to be in close proximity to the signal I/O
pins. Avoid narrow power and ground traces to minimize inductance between the pins and the decoupling
capacitors. Always decouple the power-supply connections with these capacitors. Use larger (2.2-µF to
6.8-µF) decoupling capacitors, effective at lower frequency, on the supply pins. Place these larger capacitors
further from the device and share the capacitors among several devices in the same area of the PCB.
3. Careful selection and placement of external components helps preserve the high frequency
performance of the OPA818. Use resistors with low reactance. Surface-mount resistors work best and
allow a tighter overall layout. Metal film and carbon composition axially leaded resistors also provide good
high frequency performance. Again, keep the leads and PCB trace length as short as possible. Never use
wirewound type resistors in a high frequency application. Because the output pin and inverting input pin are
the most sensitive to parasitic capacitance, always position the feedback and series output resistor, if any,
as close as possible to the inverting input and the output pin, respectively. Place other network components,
such as noninverting input termination resistors, close to the package. Even with a low parasitic capacitance
shunting the external resistors, excessively high resistor values potentially create significant time constants
that degrade performance. When the OPA818 is configured as a conventional voltage amplifier, keep
the resistor values as low as possible and consistent with the load driving considerations. Lower resistor
values minimize the effect of parasitic capacitance and reduce resistor noise terms. However, because
the feedback network (RF + RG for noninverting and RF for inverting configuration) acts as a load on the
amplifier, lower resistor values increase the dynamic power consumption and the effective load on the output
stage. Transimpedance applications (see Figure 8-2) use feedback resistors as required by the application,
and as long as the feedback compensation capacitor is set considering all parasitic capacitance terms on the
inverting node.
4. Heat dissipation is important for a high voltage device such as the OPA818 . For good thermal relief,
the thermal pad connected to a heat spreading plane that is preferably on the same layer as OPA818 or
connected by as many vias as possible if the plane is on a different layer. Have at least one heat spreading
plane on the same layer as the OPA818 that makes a direct connection to the thermal pad with wide metal
www.ti.com
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com