Electronic Components Datasheet Search
  English  ▼

X  

OPA818DBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA818DBVT
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA818DBVT Datasheet(HTML) 4 Page - Texas Instruments

  OPA818DBVT Datasheet HTML 1Page - Texas Instruments OPA818DBVT Datasheet HTML 2Page - Texas Instruments OPA818DBVT Datasheet HTML 3Page - Texas Instruments OPA818DBVT Datasheet HTML 4Page - Texas Instruments OPA818DBVT Datasheet HTML 5Page - Texas Instruments OPA818DBVT Datasheet HTML 6Page - Texas Instruments OPA818DBVT Datasheet HTML 7Page - Texas Instruments OPA818DBVT Datasheet HTML 8Page - Texas Instruments OPA818DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage, (VS+) – (VS–)
13.5
V
VIN,Diff
Differential input voltage
±5
V
VCM
Common-mode input voltage
VS– – 0.5
VS– + 10
V
VO
Output voltage
VS– – 0.5
VS+ + 0.5
V
II
Continuous input current
±10
mA
IO
Continuous output current(2)
25
mA
Continuous current in feedback pin(2)
13
mA
TJ
Junction temperature
125
°C
TA
Operating free-air temperature
–40
85
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings can cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device cannot sustain
damage, but cannot be fully functional. Operating the device in this manner affects device reliability, functionality, performance, and
shorten the device lifetime.
(2)
Long-term continuous current for electro-migration limits.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2500
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Single-supply voltage
6
10
13
V
TA
Ambient temperature
–40
25
85
°C
6.4 Thermal Information
THERMAL METRIC(1)
OPA818
UNIT
DBV (SOT-23)
DRG (SON)
5 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
172
54.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
71.1
56.0
°C/W
RθJB
Junction-to-board thermal resistance
42.0
27.2
°C/W
ΨJT
Junction-to-top characterization parameter
11.5
1.8
°C/W
ΨJB
Junction-to-board characterization parameter
41.6
27.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
11.1
°C/W
(1)
For information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com